| Electronic Components Datasheet Search |
|
CS4218 Datasheet(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4218 Datasheet(HTML) 22 Page - Cirrus Logic |
|
22 / 44 page ![]() SERIAL MODE 4, (SM4) Se ria l Mo de 4 is en ab led by sett in g SMODE3 = 1. Both Master and Slave sub- modes are available and are selected by setting the SMODE2 and SMODE1 pins as shown in Table 6. In Master sub-mode, the phase relation- ship between SCLK/SSYNC and CLKIN is controlled to minimize digital noise coupling into the analog section. Therefore, Master sub- mo de may yield sl ightly better noise performance than Slave sub-mode. In Slave sub-mode, SCLK and SSYNC must be synchro- nous to CLKIN. In serial mode 4, the CLKIN frequency must be 256 times the highest sample frequency needed. SM4 differs from SM3 and SM5 in that SM4 splits the audio data from the control data, with the control data on an independent serial port. This reduces the audio serial bus bandwidth by half, providing an easier interface to low-cost DSPs. The audio serial port sub-frame is illus- trated in Figure 19 for SM4. Master Sub-Mode (SM4) Master sub-mode configures SSYNC and SCLK as outputs from the CS4218. During power down, SSYNC and SCLK are driven high im- pedance, and during reset they both are driven low. There are two SM4 Master sub-modes. One allows 32 bits per frame and the other allows 64 bits per frame. As shown in Table 6, the SMODE1 and SMODE2 pins select the particu- lar Master sub-mode (as well as the Slave sub-mode). When SMODE1 is set to zero, SMODE2 selects either Master sub-mode with 32-bit frames, or Slave sub-mode. SMODE1,SMODE2 = 00 selects Master sub- mode where a frame = sub-frame = 32 bits. This sub-mode allows only one codec on the audio serial bus, with the first 16 bits being the left channel and the second 16 bits being the right channel. The Appendix B section contains more information on low-cost implementations of this sub-mode. SMODE1 = 1 selects Master sub-mode with a frame width of 64 bits. This sub-mode allows up to two codecs to occupy the same bus. SMODE2 is now used to select the particular time slot. If SMODE2 = 0 the codec selects time slot 1, which is the first 32 bits. If SMODE2 = 1 the codec selects time slot 2, which is the second 32 bits. SMODE1 SMODE2 SM4, Sub-Mode 0 0 Master, 32 BPF 0 1 Slave, 128/64/32 BPF 1 0 Master, 64 BPF, TS1 1 1 Master, 64 BPF, TS2 Table 6. SM4 Sub-Modes. SSYNC SCLK SDIN SDOUT Sub-Frame ADC - Left Word ADC - Right Word ADC - Left Word ADC - Right Word DAC - Left Word DAC - Right Word DAC - Left Word DAC - Right Word (slave) (master) Figure 19. SM4-Audio Serial Port, 32 BPF CS4218 22 DS135F1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |