Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4218 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic CS4218 Datasheet HTML 39Page - Cirrus Logic CS4218 Datasheet HTML 40Page - Cirrus Logic CS4218 Datasheet HTML 41Page - Cirrus Logic CS4218 Datasheet HTML 42Page - Cirrus Logic CS4218 Datasheet HTML 43Page - Cirrus Logic CS4218 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
To load control data into the codec, three HC597’s are utilized. These are the latches that store the
DSP-sent control data, and shift registers that shift the data into the codec. The codec uses an inverted
SSYNC signal to copy the latches to the shift registers every frame. In this diagram the DSP is as-
sumed to have a data bus bandwidth of at least 24 bits. If the DSP has less than 24-bits, the three
HC597s must be split into two addresses. Since the HC597 internal latches are copied to the shift
registers, the latches continually hold the DSP-sent data; therefore, the DSP only needs to write data to
the latches when a change is desired.
The second section is comprised of an HC595 shift register and latch that is clocked by an inverted
SCLK. The data shifted into the HC595 is transferred to the HC595’s latch by the SSYNC signal. This
HC595 captures the 8 bits prior to the SSYNC signal (which is also MF4:CCS) going high. As shown
in Figure 12, and assuming the MF4:CCS (SSYNC) signal rises at bit 32, the 8-bits prior to MF4:CCS
rising are a copy of all the important status bits. This allows one shift register to capture all the
important information. The interrupt pin cannot reliably be used in this configuration since the interrupt
pin is cleared by reading the control port which occurs asynchronously (every audio frame) with re-
spect to the interrupt occurrence.
The third section is only needed if sample frequencies need to be changed. This section is comprised of
an HC574 octal latch that can be replaced by general purpose port pins if available. This section
controls the sample frequency selection bits: MF6:F1, MF7:F2, MF8:F3 and the RESET pin. A change
in sample rate automatically initiates a calibration cycle.
CS4218
42
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com