Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4340A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 1 Page - Cirrus Logic

  CS4340A Datasheet HTML 1Page - Cirrus Logic CS4340A Datasheet HTML 2Page - Cirrus Logic CS4340A Datasheet HTML 3Page - Cirrus Logic CS4340A Datasheet HTML 4Page - Cirrus Logic CS4340A Datasheet HTML 5Page - Cirrus Logic CS4340A Datasheet HTML 6Page - Cirrus Logic CS4340A Datasheet HTML 7Page - Cirrus Logic CS4340A Datasheet HTML 8Page - Cirrus Logic CS4340A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
http://www.cirrus.com
CS4340A
24-Bit, 192 kHz Stereo DAC for Audio
Features
101 dB Dynamic Range
-91 dB THD+N
+3.3 V or +5 V Power Supply
50 mW with 3.3 V supply
Low Clock Jitter Sensitivity
Filtered Line Level Outputs
On-Chip Digital De-emphasis for 44.1kHz
Popguard® Technology for Control of Clicks
and Pops
Up to 200 kHz Sample Rates
Automatic Mode Detection for Sample Rates
between 4 and 200 kHz
Pin Compatible with the CS4340
Description
The CS4340A is a complete stereo digital-to-analog sys-
tem including digital interpolation, fourth-order delta-
sigma digital-to-analog conversion, digital de-emphasis
and switched capacitor analog filtering. The advantages
of this architecture include: ideal differential linearity, no
distortion mechanisms due to resistor matching errors,
no linearity drift over time and temperature, and a high
tolerance to clock jitter.
The CS4340A accepts data at all standard audio sample
rates up to 192 kHz, consumes very little power, oper-
ates over a wide power supply range and is pin
compatible with the CS4340, as described in section 3.1.
These features are ideal for DVD audio players.
ORDERING INFORMATION
CS4340A-KS
16-pin SOIC, -10 to 70 °C
CDB4340A
Evaluation Board
∆Σ DAC
Analog Filter
Serial
Audio
Interface
Interpolation
Filter
Analog Filter
MUTEC
AO UT L
AO UTR
RST
LRCK
SDIN
MCLK
∆Σ
External
Mute Control
SCLK
DAC
Interpolation
Filter
De-emphasis
DEM
DIF0
DIF1
OCT ‘02
DS590PP2


Similar Part No. - CS4340A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340A-KS CIRRUS-CS4340A-KS Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4340A-KSZ CIRRUS-CS4340A-KSZ Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
More results

Similar Description - CS4340A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
24-Bit, 192 kHz Stereo Audio CODEC
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com