Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4340A Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4340A Datasheet HTML 12Page - Cirrus Logic CS4340A Datasheet HTML 13Page - Cirrus Logic CS4340A Datasheet HTML 14Page - Cirrus Logic CS4340A Datasheet HTML 15Page - Cirrus Logic CS4340A Datasheet HTML 16Page - Cirrus Logic CS4340A Datasheet HTML 17Page - Cirrus Logic CS4340A Datasheet HTML 18Page - Cirrus Logic CS4340A Datasheet HTML 19Page - Cirrus Logic CS4340A Datasheet HTML 20Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CS4340A
16
DS590PP2
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
Notes: 5. Speed mode is detected automatically, based on the input sample rate.
Parameters
Symbol
Min
Max
Units
MCLK Frequency
1.024
38.4
MHz
MCLK Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
(Note 5)
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
4
84
170
50
100
200
kHz
kHz
kHz
LRCK Duty Cycle
40
60
%
SCLK Frequency
Single-Speed Mode
Double-Speed Mode
-
-
128xFs
64xFs
Hz
Hz
Quad-Speed Mode
-
Hz
SCLK Pulse Width Low
tsclkl
20
-
ns
SCLK Pulse Width High
tsclkh
20
-
ns
SCLK rising to LRCK edge delay
tslrd
20
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
ns
MCLK
2
------------------
sclk h
t
slrs
t
slrd
t
sd lrs
t
sdh
t
sc lk l
t
SDIN
SCLK
LR C K
Figure 17. Serial Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com