Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4340A Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4340A Datasheet HTML 8Page - Cirrus Logic CS4340A Datasheet HTML 9Page - Cirrus Logic CS4340A Datasheet HTML 10Page - Cirrus Logic CS4340A Datasheet HTML 11Page - Cirrus Logic CS4340A Datasheet HTML 12Page - Cirrus Logic CS4340A Datasheet HTML 13Page - Cirrus Logic CS4340A Datasheet HTML 14Page - Cirrus Logic CS4340A Datasheet HTML 15Page - Cirrus Logic CS4340A Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
CS4340A
12
DS590PP2
ANALOG CHARACTERISTICS (CS4340A-KS) (Continued)
Notes: 1. One-half LSB of triangular PDF dither is added to data.
2. Refer to Figure 8.
.
Parameters
Symbol
Min
Typ
Max
Units
Dynamic Performance for All Modes
Interchannel Isolation (1 kHz)
-
102
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
±100
-
ppm/°C
Analog Output Characteristics and Specifications
Full Scale Output Voltage
0.6•VA
0.7•VA
0.8•VA
Vpp
Output Impedance
-
100
-
Ω
Minimum AC-Load Resistance
(Note 2)
RL
-3
-
k
Ω
Maximum Load Capacitance
(Note 2)
CL
-
100
-
pF
AOUTx
AGND
3.3 µF
V
out
R
L
C
L
+
Figure 7. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20
Figure 8. Maximum Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com