Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4811 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 4Page - Cirrus Logic CS4811 Datasheet HTML 5Page - Cirrus Logic CS4811 Datasheet HTML 6Page - Cirrus Logic CS4811 Datasheet HTML 7Page - Cirrus Logic CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CS4811
8
DS486PP2
SWITCHING CHARACTERISTICS - CONTROL PORT - I2C MASTER (T
A = 25° C;
VA, VD = 5 V; Inputs: logic 0 = DGND, logic 1 = VD, CL = 30 pF)
Notes: 11. Use of the I2C bus interface requires a license from Philips. I2C is a registered trademark of Philips
Semiconductors.
12. Data must be held for sufficient time to bridge the worst case fall time of 300 ns for CCLK/SCL.
13. For both SDA transmitting and receiving.
Parameter
Symbol
Min
Typ
Max
Units
I2C® Master (Self-Boot) Mode (SPI/I2C = 1, SCPM/S = 1) (Note 11)
SCL Clock Frequency
fscl
-Fs
-
kHz
Clock Low Time
tlow
-1/(2*Fs)
-
µs
Clock High Time
thigh
-1/(2*Fs)
-
µs
Bus Free Time Between Transmissions
tbuf
4.7
-
-
µs
RST rising to start condition
tirs
-22
-
µs
Start Condition Hold Time
thdst
4.0
-
-
µs
Setup Time for Repeated Start Condition
tsust
13.5
-
-
µs
SDA Setup Time to SCL Rising
tsud
250
-
-
ns
SDA Hold Time from SCL Falling
(Note 12)
thdd
0-
-
ns
SCL falling to SDA Output Valid
tcldv
--
1.5
µs
SCL and SDA Rise Time
(Note 13)
tr
--
1
µs
SCL and SDA Fall Time
(Note 13)
tf
--
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
-
µs
t
buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
tsust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t
irs
RST
t
cldv
(output)
Figure 2. I
2C Control Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com