Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4811 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 6Page - Cirrus Logic CS4811 Datasheet HTML 7Page - Cirrus Logic CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic CS4811 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CS4811
10
DS486PP2
2. TYPICAL CONNECTION DIAGRAMS
D
D
A
+ 1 µF
0.1
µF
AGND1..4
DGND1..4
XTO XTI
46
45
Caps, Xtal, and
resistor not needed
with external clock
input to XTI.
44
7
AOUT +
63
62
68
67
SCL/CCLK
SDA/CDOUT
AD0/CS
AD1/CDIN
92
1
µF
CMOUT
86
To Optional
Input and
Output Buffers
AIN+
87
37
PIO2
35
PIO3
Control/
Monitor
Circuitry
72
69
SPI/I2C
Mode/Reset
Circuit
All unused inputs
should be tied to ground.
CS4811
40
PIO1
41
ANALOG
FILTER
R= 33
Ω
S
150
Ω
2.2 nF
66
64
93
94
0.1 µF
1 µF
+
CMFILT+
CMFILT-
RST
PIO0
8
AOUT -
2.2 K
2.2 K
VD VD
13
89
19
42
11
39 pF
22 µF
+
AIN -
0.1 µF
100 µF
+
RESET
Serial EEPROM
1 M
Ω
0.1 µF
39 pF
39
OVL
A
A
A
A
A
A
A
D
DD
A
VA 1..3
88
18
12
+ 1 µF
0.1 µF
43
65
VD 1..2
+5 V Supply
Ferrite Bead
RES-DGND
RES-DGND
RES-DGND
RES-DGND
D
RES-DGND
RES-DGND
32, 36, 38, 48, 96, 82, 83
1, 2, 3, 4, 5, 6
31, 33, 49, 50, 51, 52, 53
24, 25, 26, 27, 28, 29, 30
78, 79, 80, 81, 84, 85, 98, 99, 100
54, 55, 56, 74, 75, 76, 77
RES-NC
RES-NC
9, 10, 14, 15, 16, 17, 20
RES-NC
21, 22, 23, 47, 57, 58, 59
60, 61, 71, 95, 97, 90, 91
RES-VD
70, 73
VD
Figure 3. Typical Connection Diagram, Single-ended Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com