Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4811 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4811
Description  Fixed Function Multi-Effects Audio Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4811 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4811 Datasheet HTML 5Page - Cirrus Logic CS4811 Datasheet HTML 6Page - Cirrus Logic CS4811 Datasheet HTML 7Page - Cirrus Logic CS4811 Datasheet HTML 8Page - Cirrus Logic CS4811 Datasheet HTML 9Page - Cirrus Logic CS4811 Datasheet HTML 10Page - Cirrus Logic CS4811 Datasheet HTML 11Page - Cirrus Logic CS4811 Datasheet HTML 12Page - Cirrus Logic CS4811 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS4811
DS486PP2
9
ABSOLUTE MAXIMUM RATINGS (All voltages with respect to AGND = DGND = 0 V.)
Notes: 14. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
15. The maximum over or under voltage is limited by the input current.
Warning:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (All voltages with respect to AGND = DGND =
0V.)
DIGITAL CHARACTERISTICS (T
A = 25° C; VA, VD = 5 V)
SWITCHING CHARACTERISTICS - PROGRAMMABLE I/O (T
A = 25° C; VA, VD = 5 V
±5%; Inputs: logic 0 = DGND, logic 1 = VD, CL = 30 pF)
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
Analog
VD
VA
-0.3
-0.3
-
-
6.0
6.0
V
V
Input Current
(Note 14)
-
-
±10.0
mA
Analog Input Voltage
(Note 15)
-0.7
-
(VA)+0.7
V
Digital Input Voltage
(Note 15)
-0.7
-
(VD)+0.7
V
Ambient Temperature
(Power Applied)
-55
-
+125
°C
Storage Temperature
-65
-
+150
°C
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
|VA - VD| < 0.4V
Analog
VD
VA
4.75
4.75
5.0
5.0
5.25
5.25
V
V
Operating Ambient Temperature
TA
-10
25
70
°C
Parameters
Symbol
Min
Typ
Max
Units
High-level Input Voltage
(except XTI)
VIH
2.8
-
(VD)+0.3
V
Low-level Input Voltage
(except XTI)
VIL
-0.3
-
0.8
V
High-level Output Voltage at I0 = -2.0 mA
(except XTO)
VOH
(VD)-1.0
-
-
V
Low-level Output Voltage at I0 = 2.0 mA
(except XTO)
VOL
--
0.4
V
High-level Input Voltage
(XTI)
VIH
2.8
-
-
V
Low-level Input Voltage
(XTI)
VIL
--
2.3
V
Input Leakage Current
(Digital Inputs)
-
-
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-
-
10
µA
Parameters
Symbol
Min
Typ
Max
Units
Output Rise Time
trpo
-200
-
ns
Output Fall Time
tfpo
-200
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com