Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5126 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 7Page - Cirrus Logic CS5126 Datasheet HTML 8Page - Cirrus Logic CS5126 Datasheet HTML 9Page - Cirrus Logic CS5126 Datasheet HTML 10Page - Cirrus Logic CS5126 Datasheet HTML 11Page - Cirrus Logic CS5126 Datasheet HTML 12Page - Cirrus Logic CS5126 Datasheet HTML 13Page - Cirrus Logic CS5126 Datasheet HTML 14Page - Cirrus Logic CS5126 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
larly, the acquisition time for the external sam-
ple/hold amplifiers must not exceed the mini-
mum conversion time of 192 master clock cycles
(7.8
µs for 48kHz stereo sampling).
Oversampling
The CS5126 can alternatively be used to over-
sample one channel (monaural) by 2X simply by
tying the L/R input high or low. This moves
much of the anti-alias burden from analog filters
to digital post-filtering. The analog filters’ cor-
ner can be pushed out in frequency with lower
roll-off, allowing lower passband ripple and
more linear phase in the audioband. Digital FIR
filtering, meanwhile, can be used to implement
high roll-off filters with ultra-low passband rip-
ple and perfectly linear phase.
Oversampling not only improves system-level
filtering performance, but it also enhances the
ADC’s dynamic range and distortion charac-
teristics. All noise energy in a sampled, digital
signal aliases into the baseband between dc and
one-half the sampling rate. For an ideal succes-
sive-approximation ADC the noise spectral con-
tent is white. Therefore, in a 2X oversampling
scheme such as 96kHz sampling the ADC’s
noise will be be spread uniformly from dc to
48kHz. Digital post-filtering then rejects noise
outside of the 20kHz or 22kHz bandwidth, re-
sulting in improved signal-to-noise and dynamic
range. For a white noise spectrum, a 2X reduc-
tion in bandwidth yields a 3dB improvement in
dynamic range.
Due to its on-chip self-calibration scheme, the
CS5126’s dynamic range is limited only by
white broadband noise rather than signal-depend-
ent DNL errors. Therefore, the CS5126 picks up
a full 3dB improvement in dynamic range to
95dB when implemented in 2X oversampling
schemes.
Oversampling and digital filtering also enhance
the ADC’s distortion performance. Consider for
example a full-scale 15kHz input signal to the
CS5126 sampling at 96kHz. Sampling distortion
produces THD of approximately 0.005% (86dB)
at the converter’s output. Most of the distortion
energy resides in the second and third harmonics
VA-
VD-
AINL*
AINR
VREF
AGND
REFBUF
+5V*
SCLK
CLKIN
SDATA
DGND
HOLD
+5V
-5V
Voltage
Reference
0.1
µF
0.1
µF
f
/256
clk
f
/16
clk
fclk
10
Ω
Anti Alias
Filter
Analog
Input
+ 1
µF
+
1
µF
+ 1
µF
+
1
µF
1nF
10
Ω
200
Ω
CS5126
* AINR can alternatively be used
with L/R grounded
SLEEP
VD+
VA+
L/R
0.1
µF
0.1
µF
0.1
µF
Figure 9. Monaural 2X Oversampling Connections
CS5126
DS32F1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com