Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5126 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5126
Description  16-Bit Stereo A/D Converter for Digital Audio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5126 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5126 Datasheet HTML 19Page - Cirrus Logic CS5126 Datasheet HTML 20Page - Cirrus Logic CS5126 Datasheet HTML 21Page - Cirrus Logic CS5126 Datasheet HTML 22Page - Cirrus Logic CS5126 Datasheet HTML 23Page - Cirrus Logic CS5126 Datasheet HTML 24Page - Cirrus Logic CS5126 Datasheet HTML 25Page - Cirrus Logic CS5126 Datasheet HTML 26Page - Cirrus Logic CS5126 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
4.99 k
In A
In B
4.99 k
1 nF C0G
ceramic
4.99 k
4.99 k
1 nF C0G
ceramic
V+
V-
50 k
1 M
121 k
Offset
ADJ
1 M
1 nF C0G
ceramic
6.81 k
V+
V-
1 nF C0G
ceramic
200
Vout
+15 V
-15 V
10
V+
V-
1
µF
tantalum
35 V
10
1
µF
tantalum
35 V
0.01
µF
ceramic
0.01
µF
ceramic
OP27
2
3
7
4
6
Notes:
1) In B and offset adjust are optional.
2) Offset adjustment range is
+ 10 mV with values shown.
Figure 2. Example Input Buffer Circuit (not provided on the CDB5126 evaluation board)
OP27
C6
0.1
µF
C7
0.01
µF
2
3
4
7
6
R3
22
R4
47 k
R5
1 k
+15V
-15V
C4
0.1
µF
C8
16
µF
+
C9
0.1
µF
TP4
J2
VREF
AGND
C1
10
µF
+
C2
0.1
µF
R2
1 k
R1
25 k
OUT
TRIM
GND
IN
LT1019-5
U2
+15V
2
4
5
6
CW
20
22
TP1
U1
CS5126
Figure 3. Voltage Reference
CDB5126
DS32DB5
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com