Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT25DF021
Description  2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF021 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT25DF021_12 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
3677F–DFLASH–5/2013
AT25DF021
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Reg-
ister to the logical “0” state. With the WEL bit reset, all Byte/Page Program, erase, Protect
Sector, Unprotect Sector, Program OTP Security Register, and Write Status Register com-
mands will not be executed. Other conditions can also cause the WEL bit to be reset; for more
details, refer to the WEL bit section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h
must be clocked into the device. No address bytes need to be clocked into the device, and any
data clocked in after the opcode will be ignored. When the CS pin is deasserted, the WEL bit in
the Status Register will be reset to a logical “0”. The complete opcode must be clocked into the
device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte
boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of
the WEL bit will not change.
Figure 9-2.
Write Disable
9.3
Protect Sector
Every physical 64-Kbyte sector of the device has a corresponding single-bit Sector Protection
Register that is used to control the software protection of a sector. Upon device power-up, each
Sector Protection Register will default to the logical “1” state indicating that all sectors are pro-
tected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding
Sector Protection Register to the logical “1” state. The following table outlines the two states of
the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. To issue the Protect
Sector command, the CS pin must first be asserted and the opcode of 36h must be clocked into
the device followed by three address bytes designating any address within the sector to be pro-
tected. Any additional data clocked into the device will be ignored. When the CS pin is
deasserted, the Sector Protection Register corresponding to the physical sector addressed by
A23-A0 will be set to the logical “1” state, and the sector itself will then be protected from
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
OPCODE
HIGH-IMPEDANCE
Table 9-1.
Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com