Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT25DF021
Description  2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF021 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT25DF021_12 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
3677F–DFLASH–5/2013
AT25DF021
Figure 10-1. Program OTP Security Register
10.2 Read OTP Security Register
The OTP Security Register can be sequentially read in a similar fashion to the Read Array oper-
ation up to the maximum clock frequency specified by fCLK. To read the OTP Security Register,
the CS pin must first be asserted and the opcode of 77h must be clocked into the device. After
the opcode has been clocked in, the three address bytes must be clocked in to specify the start-
ing address location of the first byte to read within the OTP Security Register. Following the
three address bytes, two dummy bytes must be clocked into the device before data can be
output.
After the three address bytes and the dummy bytes have been clocked in, additional clock
cycles will result in OTP Security Register data being output on the SO pin. When the last byte
(00007Fh) of the OTP Security Register has been read, the device will continue reading back at
the beginning of the register (000000h). No delays will be incurred when wrapping around from
the end of the register to the beginning of the register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
Figure 10-2. Read OTP Security Register
SCK
CS
SI
SO
MSB
MSB
23
1
0
10011011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n
SCK
CS
SI
SO
MSB
MSB
23
1
0
01110111
67
5
410 11
9
812
33
36
35
34
31 32
29 30
OPCODE
AAAA
AAA
A
AX
X
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
MSB
XXXXX
X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com