Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF021 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT25DF021
Description  2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF021 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT25DF021_12 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF021_12 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17
3677F–DFLASH–5/2013
AT25DF021
SPRL bit from a logical “1” to a logical “0” provided the WP pin is deasserted. Likewise, the sys-
tem can write an F0h to change the SPRL bit from a logical “0” to a logical “1” without affecting
the current sector protection status (no changes will be made to the Sector Protection
Registers).
When writing to the first byte of the Status Register, bits 5, 4, 3, and 2 will not actually be modi-
fied but will be decoded by the device for the purposes of the Global Protect and Global
Unprotect functions. Only bit 7, the SPRL bit, will actually be modified. Therefore, when reading
the first byte of the Status Register, bits 5, 4, 3, and 2 will not reflect the values written to them
but will instead indicate the status of the WP pin and the sector protection status. Please refer to
“Read Status Register” on page 22 and Table 11-1 on page 22 for details on the Status Register
format and what values can be read for bits 5, 4, 3, and 2.
9.6
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status
of each sector. Reading the Sector Protection Registers, however, will not determine the status
of the WP pin.
To read the Sector Protection Register for a particular sector, the CS pin must first be asserted
and the opcode of 3Ch must be clocked in. Once the opcode has been clocked in, three address
bytes designating any address within the sector must be clocked in. After the last address byte
has been clocked in, the device will begin outputting data on the SO pin during every subse-
quent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote
the value of the appropriate Sector Protection Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status
(SWP) bits in the Status Register can be read to determine if all, some, or none of the sectors
are software protected (refer to “Read Status Register” on page 22 for more details).
Figure 9-5.
Read Sector Protection Register
Table 9-3.
Read Sector Protection Register - Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111100
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
A
A
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com