Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2020PSE2MZB Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # P2020PSE2MZB
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020PSE2MZB Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

  P2020PSE2MZB Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Learn More: For current information about Freescale
products and documentation, please visit
www.freescale.com/QorIQ.
Freescale and the Freescale logo are trademarks or registered trademarks of Freescale Semiconductor, Inc.
in the U.S. and other countries. All other product or service names are the property of their respective owners.
The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are
trademarks and service marks licensed by Power.org. © Freescale Semiconductor, Inc. 2009.
DocumentNumber:P2PRDCTFMAPPBRCH
REV 0
P2020DS Block Diagram
DDR3
DIMM
MMCCard
EEPROM
Real-Time
Clock
NOR Flash
PromJET
Pixis
FPGA
2 x
Ser
3 x
Audio
1 x
eSATA
Security
Acceleration
(optional)
XOR
System Bus
3 x Gigabit
Ethernet
Quad
RGMII
PHY
NVidia®
M1575
PHY
4-ch.
DMA
4-ch.
DMA
4-ch.
DMA
PCI
Express
PCI
Express
PCI
Express
PCI
Express®
PCI
Express®
Serial
RapidIO®
Serial
RapidIO
Serial
RapidIO
On-Chip Network
On-Chip Network
4-lane SerDes
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
Coherency Module
512 KB
L2 Cache
PCI Express x1/x2
Lanes 2 and 3
PCI Express
SGMII
1x/2x
1x
Lanes 0 and 1
PCI Express x2
SGMII Riser Card Slot
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
Enhanced Local Bus
Controller (eLBC)
DDR
Regulator
VDD
(VCore+
VPlat)
VSerDes
Clocks
I2C
SPI
BUF
USB 2.0
DUART
eTSEC1
eTSEC2
eTSEC3
PCI 5V
3 x
SATA
JTAG
3 x
Ethernet
SD Card
Slot
eSDHC
GPIO
Temp/Vmon
USB
Host
Multiplexers
selected at boot-up
The P2020DS-PA board and P2020RDB-PA board ship with Linux v2.6 and support for IEEE 1588. Both boards are supported by CodeWarrior v8.8,
Wind River, Green Hills and MontaVista development environments. The P20220DS-PA is a highly integrated development system that can be
utilized to bring your design to market. The P2020RDB-PA is a low-cost reference design board based on the mini-ITX form factor.
P2020RDB Block Diagram
DDR2
Discrete
x64
EEPROM
EEPROM
Security
Acceleration
(optional)
XOR
System Bus
3 x Gigabit
Ethernet
RGMII
PHY
4-ch.
DMA
4-ch.
DMA
4-ch.
DMA
PCI
Express
PCI
Express
PCI
Express
PCI
Express®
PCI
Express®
Serial
RapidIO®
Serial
RapidIO
Serial
RapidIO
On-Chip Network
On-Chip Network
4-lane SerDes
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
Coherency Module
512 KB
L2 Cache
MiniPCI Express
PCI Express
PCI Express
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
I2C
JTAG/COP
SPI
RS-232
Serial
Real Time
Clock
USB 2.0
DUART
RGMII
RGMII
SGMII
PHY
DB9
RJ-45
RJ-45
5-port
Switch
RJ-45
RJ-45
RJ-45
RJ-45
Not
Connected
Mini
USB
NOR Flash
NAND Flash
Enhanced Local Bus
Controller (eLBC)
Clocking
SD/MMC
eSDHC
IEEE® 1588
HDR
DAC
VCXO
eTSEC
eTSEC
Power
POR Configuration
8-bit MCU
Reset PLD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com