Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2020PSE2MZB Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P2020PSE2MZB
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020PSE2MZB Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P2020PSE2MZB Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
freescale.com/QorIQ
3
Telecom
Features for the market:
• DualGigabitEthernetonSGMII
(for redundancy) or Serial RapidIO®
interface for implementing backhaul
• SerialRapidIOinterfacefordirect
connection to digital signal processors
(DSPs)—for Layer 1 processing
• Securityenginehandlesthesecurenetwork
termination requirement
• Advancedqualityofservice(QoS)for
Gigabit Ethernet to assist in scheduling
Layer 2 baseband processing
Applications:
• AdvancedMC™card
• ControlleronAdvancedTCA® carrier card
• Channelandcontrolcardfor3GNodeB,
2G/2.5G BTS IP upgrades, WCDMA,
4G LTE and WiMAX
• Generalpurposecomputeblade
LTE and WiMAX Baseband
The P2020 and P2010 communications
processors are well-suited for Long-Term
Evolution (LTE) and WiMAX channel card
applications. There are two factors that drive
the need for dual-core performance without
breaking out of a single-core power budget:
• Increasedbandwidthpersubscriber
• Flatteningoftheinfrastructurehierarchy
Together, these factors increase the
processing requirements of the channel
card. P2 series processors, with dual-
core performance in single-core power
budgets, can increase performance in Layer
2 baseband processing and implementing
network interfaces.
Layer 2 baseband processing implements
the RLC layer that controls the base station
and subscriber access to air interface
resources. The advanced QoS features of the
Gigabit Ethernet ports assist in scheduling
these resources. This Layer 2 processing
includes the medium access control
(MAC), which controls the base station and
subscriber access to air interface resources.
Resources are scheduled according to QoS
requirements using packet concatenation
and segmentation, retransmission through
automatic repeat request (ARQ) and
hybrid automatic repeat request (HARQ) in
combination with Layer 1.
Typically backhaul is implemented with
either dual Gigabit Ethernet on SGMII (for
redundancy) or Serial RapidIO interface, both
of which are supported in the QorIQ P2 series
processors. The Serial Rapid IO interface also
allows direct connection to the DSPs—such
as Freescale’s MSC8144 and MSC8156 four-
and six-core DSPs—that implement the Layer
1 processing. The security block handles the
secure network termination requirement.
This solution performs network backhaul
transport and interworking with internal
interfaces. This includes processing the
network layers up to OSI Layer 3, including
IPsec secure network termination, header
compression and traffic classification
(QoS).Thenetworkinterfacecard(NIC)
can optionally support 3G LTE radio link
encryption—however, depending upon the
selected architecture, this could be partitioned
to the channel card.
LTE and WiMAX Baseband
QorIQ™
P2 Series
Serial RapidIO®
Backplane
500
Mbps
Gigabit
Ethernet
control and
data,
redundant
Serial RapidIO
Serial
RapidIO
Serial
RapidIO
x1/x4
Serial RapidIO x1/x4
(up to 3.125 GHz)
Low
latency
OBSAI/CPRI
• Serial RapidIO
messaging unit
• Multiple mailboxes
• Port read/write to
configure switch
• Messaging
(inbound/outbound)
local and remote
• MAC
• Scheduler
Switch
FPGA
xn DSPs
DSP
DSP
DSP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com