Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2020PSE2MZB Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P2020PSE2MZB
Description  P2 Platform Series Dual core performance in a single core power envelope
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020PSE2MZB Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P2020PSE2MZB Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 2Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 3Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 4Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 5Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 6Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 7Page - Freescale Semiconductor, Inc P2020PSE2MZB Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QorIQ™ Communications Platforms
P2 Platform Series
Dual core performance in a single core power envelope
Ideal for networking infrastructure, telecom,
industrial control, medical imaging,
telehealth, aerospace and defense and test
and measurement applications, Freescale
QorIQ™ communications platforms are the
next-generation evolution of our leading
PowerQUICC® communications processors.
Based on high-performance e500 cores built
on Power Architecture® technology, QorIQ
platforms enable a new era of networking
innovation that meets reliability, security
and quality of service needs for the most
demanding networking and industrial
applications.
The QorIQ P2 platform series, which includes
the P2020 and P2010 communications
processors, delivers unprecedented
performance per watt for a wide variety of
applications at a low price point. The series
delivers dual- and single-core frequencies
from 800 MHz to 1.2 GHz.
The QorIQ P2 series is pin-compatible with
the QorIQ P1 platform products, offering
five interchangeable cost-effective solutions.
Scaling from a single core at 533 MHz (P1011)
to a dual core at 1.2 GHz (P2020), the
two QorIQ platforms deliver an impressive
4.5x aggregate frequency range within the
same pinout.
The devices in the P1 and P2 series are also
software compatible, sharing the e500 core
and peripherals, as well as being fully software
compatible with existing PowerQUICC
processors. This enables you to create a
product with multiple performance points from
a single board design, which provides great
flexibility and scalability.
Freescale provides highly integrated
evaluation boards, software and drivers for the
P2020 and P2010 as well as CodeWarrior™
tools that will help speed your design to
market. The P2020 family provides the
horsepower, integration and scalability needed
whether you are building a high-performance
router or an industrial platform.
QorIQ™ P2 Processors
Features
Benefits
Comprehensive development tools including reference design boards,
Linux® and third-party tools
Helps decrease time to revenue by getting designs up and
running efficiently
Migration path
Improved performance/watt/cost migrating from PowerQUICC III and
other Power Architecture-, x86- and MIPs-based architectures
High-performance e500 2.4 MIPS/MHz Power Architecture® core
High performance and efficient cores means fewer cores to get the
job done
Best-in-class power
Enables fanless, energy-efficient designs for improved reliability and
lower system costs
Integrated Ethernet, USB, eSDHC flash controller, eSPI, eLBU,
IEEE® 1588, PCI Express® and Serial RapidIO®
Flexibility to address a wide range of applications and reduced
system cost by eliminating the need for external bridge chips
4.5x performance range in a single package
Common hardware platform to enable a wide range of
system performance


Similar Part No. - P2020PSE2MZB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
More results

Similar Description - P2020PSE2MZB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
High-performance e200z4d dual core
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
DPX-S425 ADVANTECH-DPX-S425 Datasheet
1Mb / 2P
Intel짰 Core??i5, Core i7 Gaming Platform
logo
Freescale Semiconductor...
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
P2 Platform Series Dual core performance in a single core power envelope
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410_14 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
DPX-S425 ADVANTECH-DPX-S425_14 Datasheet
804Kb / 2P
Intel짰 Core??i5, Core i7 Gaming Platform
DPX-S435 ADVANTECH-DPX-S435_15 Datasheet
1Mb / 2P
4th Generation Intel짰 Core??Gaming platform
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
4th Generation Intel Core Gaming platform
logo
HALO Electronics, Inc.
TG01-FC03NSLF HALO-TG01-FC03NSLF Datasheet
400Kb / 2P
Single and Dual Core Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com