Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0430V Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CY7C0430V
Description  3.3V 64K x 18 Synchronous QuadPort??Static RAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430V Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CY7C0430V Datasheet HTML 28Page - Cypress Semiconductor CY7C0430V Datasheet HTML 29Page - Cypress Semiconductor CY7C0430V Datasheet HTML 30Page - Cypress Semiconductor CY7C0430V Datasheet HTML 31Page - Cypress Semiconductor CY7C0430V Datasheet HTML 32Page - Cypress Semiconductor CY7C0430V Datasheet HTML 33Page - Cypress Semiconductor CY7C0430V Datasheet HTML 34Page - Cypress Semiconductor CY7C0430V Datasheet HTML 35Page - Cypress Semiconductor CY7C0430V Datasheet HTML 36Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
CY7C0430V
PRELIMINARY
34
166
IO2_P1
Y5
168
IO3_P1
W5
170
IO4_P1
Y4
172
IO5_P1
W4
174
IO6_P1
Y3
176
IO7_P1
W3
178
IO8_P1
Y2
180
IO0_P2
V9
182
IO1_P2
Y10
184
IO2_P2
W9
186
IO3_P2
Y9
188
IO4_P2
W8
190
IO5_P2
Y8
192
IO6_P2
V6
194
IO7_P2
Y7
196
IO8_P2
W7
198
A0_P2
L1
200
A1_P2
M2
202
A2_P2
M3
204
A3_P2
N1
206
A4_P2
N2
208
A5_P2
P2
210
A6_P2
P3
212
A7_P2
R1
214
A8_P2
R2
216
A9_P2
R3
218
A10_P2
T1
220
A11_P2
T2
222
A12_P2
U2
224
A13_P2
U3
226
A14_P2
V1
228
A15_P2
V2
230
CNTINT_P2
R4
232
CNTRST_P2
L3
234
MKLD_P2
N3
236
CNTLD_P2
N4
238
CNTINC_P2
P2
240
CNTRD_P2
T4
242
MKRD_P2
T3
244
LB_P2
Y1
246
UB_P2
W2
Table 9. Boundary Scan Order (continued)
Cell #
Signal Name
Bump (Ball) ID
248
OE_P2
U4
250
R/W_P2
V5
252
CE1_P2
V3
254
CE0_P2
V4
256
INT_P2
L2
258
CLK_P2
M4
260
A0_P1
K1
262
A1_P1
J2
264
A2_P1
J3
266
A3_P1
H1
268
A4_P1
H2
270
A5_P1
G2
272
A6_P1
G3
274
A7_P1
F1
276
A8_P1
F2
278
A9_P1
F3
280
A10_P1
E20
282
A11_P1
E2
284
A12_P1
D2
286
A13_P1
D3
288
A14_P1
C1
290
A15_P1
C2
292
CNTINT_P1
F4
294
CNTRST_P1
K3
296
MKLD_P1
H3
298
CNTLD_P1
H4
300
CNTINC_P1
G4
302
CNTRD_P1
E4
304
MKRD_P1
E3
306
LB_P1
A1
308
UB_P1
B2
310
OE_P1
D4
312
R/W_P1
C5
314
CE1_P1
C3
316
CE0_P1
C4
318
INT_P1
K2
320
CLK_P1
K4
322
IO9_P2
A6
324
IO10_P2
B6
326
IO11_P2
A5
328
IO12_P2
B5
Table 9. Boundary Scan Order (continued)
Cell #
Signal Name
Bump (Ball) ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com