Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673P Datasheet(PDF) 14 Page - EPCOS

Part # B32673P
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673P Datasheet(HTML) 14 Page - EPCOS

Back Button B32673P Datasheet HTML 10Page - EPCOS B32673P Datasheet HTML 11Page - EPCOS B32673P Datasheet HTML 12Page - EPCOS B32673P Datasheet HTML 13Page - EPCOS B32673P Datasheet HTML 14Page - EPCOS B32673P Datasheet HTML 15Page - EPCOS B32673P Datasheet HTML 16Page - EPCOS B32673P Datasheet HTML 17Page - EPCOS B32673P Datasheet HTML 18Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Permissible AC current IRMS versus frequency f (for sinusoidal waveforms TA
≤ 100 °C)
For TA > 100
°C, please use derating factor F
t.
Lead spacing 22.5 mm
450 V DC/160 V AC
520 V DC/200 V AC
630 V DC/200 V AC
B32673P
Power Factor Correction
Page 14 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com