Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673P Datasheet(PDF) 2 Page - EPCOS

Part # B32673P
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673P Datasheet(HTML) 2 Page - EPCOS

  B32673P Datasheet HTML 1Page - EPCOS B32673P Datasheet HTML 2Page - EPCOS B32673P Datasheet HTML 3Page - EPCOS B32673P Datasheet HTML 4Page - EPCOS B32673P Datasheet HTML 5Page - EPCOS B32673P Datasheet HTML 6Page - EPCOS B32673P Datasheet HTML 7Page - EPCOS B32673P Datasheet HTML 8Page - EPCOS B32673P Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Typical applications
PFC (Power Factor Correction)
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/110/56
Construction
Dielectric: polypropylene (PP)
Wound capacitor technology
Plastic case (UL 94 V-0)
Epoxy resin sealing
Features
Very compact design
Very small dimensions
Very high ripple and peak current
High frequency AC operation capability
High voltage capability
Excellent self-healing property
RoHS-compatible
Halogen-free capacitors available on request
Terminals
Parallel wire leads, lead free, tinned
Special lead lengths available on request
Marking
Manufacturer's logo
Lot number, series number
Rated capacitance (coded)
Capacitance tolerance (code letter)
Rated DC voltage
Date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
±0.05
Type
10
0.6
B32671P
15
0.8
B32672P
22.5
0.8
B32673P
Metallized polypropylene film capacitors (MKP)
B32671P ... B32673P
Power Factor Correction
Page 2 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com