Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673P Datasheet(PDF) 6 Page - EPCOS

Part # B32673P
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673P Datasheet(HTML) 6 Page - EPCOS

Back Button B32673P Datasheet HTML 2Page - EPCOS B32673P Datasheet HTML 3Page - EPCOS B32673P Datasheet HTML 4Page - EPCOS B32673P Datasheet HTML 5Page - EPCOS B32673P Datasheet HTML 6Page - EPCOS B32673P Datasheet HTML 7Page - EPCOS B32673P Datasheet HTML 8Page - EPCOS B32673P Datasheet HTML 9Page - EPCOS B32673P Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
µF
Ordering code
(composition see
below)
Max. dimensions
w
× h × l
mm
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerance on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
J =
±5%
K =
±10%
M =
±20%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
003 = Untaped (lead length 3.2
± 0.3 mm)
000 = Untaped (lead length 6 1 mm)
450
160
1.0
B32673P4105+***
6.0
× 15.0 × 26.5 2720
2800
2880
1.5
B32673P4155+***
7.0
× 16.0 × 26.5 2320
2400
2520
2.2
B32673P4225+***
8.5
× 16.5 × 26.5 1920
2000
2040
520
200
0.47
B32673P5474+***
6.0
× 15.0 × 26.5 2720
2800
2880
0.56
B32673P5564+***
6.0
× 15.0 × 26.5 2720
2800
2880
0.68
B32673P5684+***
6.0
× 15.0 × 26.5 2720
2800
2880
1.0
B32673P5105+***
7.0
× 16.0 × 26.5 2320
2400
2520
1.5
B32673P5155+***
10.5
× 16.5 × 26.5 1560
1600
2160
2.2
B32673P5225+***
10.5
× 20.5 × 26.5
2160
630
200
0.33
B32673P6334+***
6.0
× 15.0 × 26.5 2720
2800
2880
0.47
B32673P6474+***
6.0
× 15.0 × 26.5 2720
2800
2880
0.56
B32673P6564+***
6.0
× 15.0 × 26.5 2720
2800
2880
0.68
B32673P6684+***
7.0
× 16.0 × 26.5 2320
2400
2520
1.0
B32673P6105+***
8.5
× 16.5 × 26.5 1920
2000
2040
1.5
B32673P6155+***
10.5
× 18.5 × 26.5 1560
1600
2160
2.2
B32673P6225+***
12.0
× 22.0 × 26.5
1800
B32673P
Power Factor Correction
Page 6 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com