Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2154 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2154 Datasheet HTML 1Page - Dallas Semiconductor DS2154 Datasheet HTML 2Page - Dallas Semiconductor DS2154 Datasheet HTML 3Page - Dallas Semiconductor DS2154 Datasheet HTML 4Page - Dallas Semiconductor DS2154 Datasheet HTML 5Page - Dallas Semiconductor DS2154 Datasheet HTML 6Page - Dallas Semiconductor DS2154 Datasheet HTML 7Page - Dallas Semiconductor DS2154 Datasheet HTML 8Page - Dallas Semiconductor DS2154 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
1 of 87
112099
FEATURES
Complete E1(CEPT) PCM-30/ISDN-PRI
transceiver functionality
Onboard long- and short-haul line interface for
clock/data recovery and waveshaping
32-bit or 128-bit crystal-less jitter attenuator
Generates line build outs for both 120
Ω=and
75
Ω=lines
Frames to FAS, CAS, and CRC4 formats
Dual onboard two-frame elastic store slip buffers
that can connect to asynchronous backplanes up to
8.192 MHz
8-bit parallel control port that can be used directly
on either multiplexed or non-multiplexed buses
Extracts and inserts CAS signaling
Detects and generates Remote and AIS alarms
Programmable output clocks for Fractional E1,
H0, and H12 applications
Fully independent transmit and receive
functionality
Full access to both Si and Sa bits aligned with
CRC multiframe
Four separate loopbacks for testing functions
Large counters for bipolar and code violations,
CRC4 codeword errors, FAS errors, and E bits
Pin compatible with DS2152 T1 Enhanced Single-
Chip Transceiver
5V supply; low power CMOS
100-pin 14mm
2 body LQFP package
PACKAGE OUTLINE
ORDERING INFORMATION
DS2154L
(0°C to 70°C)
DS2154LN
(-40°C to +85°C)
DESCRIPTION
The DS2154 Enhanced Single-Chip Transceiver (ESCT) contains all of the necessary functions for
connection to E1 lines. The device is an upward compatible version of the DS2153 Single-Chip
Transceiver. The onboard clock/data recovery circuitry coverts the AMI/HDB3 E1 waveforms to a NRZ
serial stream. The DS2154 automatically adjusts to E1 22AWG (0.6 mm) twisted-pair cables from 0 to
over 2 km in length. The device can generate the necessary G.703 waveshapes for both 75-ohm coax and
120-ohm twisted cables. The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be
placed in either the transmit or receive data paths. The framer locates the frame and multiframe
boundaries and monitors the data stream for alarms. It is also used for extracting and inserting signaling
data, Si, and Sa bit information. The device contains a set of internal registers which the user can access
to control the operation of the unit. Quick access via the parallel control port allows a single controller to
handle many E1 lines. The device fully meets all of the latest E1 specifications including ITU G.703,
G.704, G.706, G.823, G.932, and I.431 as well as ETS 300 011, 300 233, 300 166, TBR 12 and TBR 13.
DS2154
Enhanced E1 Single Chip Transceiver
www.dalsemi.com
1


Similar Part No. - DS2154

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS215 LUMILEDS-DS215 Datasheet
2Mb / 20P
High flux, hot-color targeted, 24V and 48V mid power packages
logo
Dallas Semiconductor
DS2151 DALLAS-DS2151 Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
DS2151Q+ MAXIM-DS2151Q+ Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results

Similar Description - DS2154

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
Enhanced T1 Single-Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com