Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2154 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2154
Description  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 6Page - Dallas Semiconductor DS2154 Datasheet HTML 7Page - Dallas Semiconductor DS2154 Datasheet HTML 8Page - Dallas Semiconductor DS2154 Datasheet HTML 9Page - Dallas Semiconductor DS2154 Datasheet HTML 10Page - Dallas Semiconductor DS2154 Datasheet HTML 11Page - Dallas Semiconductor DS2154 Datasheet HTML 12Page - Dallas Semiconductor DS2154 Datasheet HTML 13Page - Dallas Semiconductor DS2154 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
DS2154
10 of 87
DS2154 PIN DESCRIPTION Table 1-2
TRANSMIT SIDE DIGITAL PINS
Transmit Clock [TCLK]. A 2.048 MHz primary clock. Used to clock data through the transmit side
formatter. Must be present for the parallel control port to operate properly. If not present, the Loss Of
Transmit Clock (LOTC) function can provide a clock.
Transmit Serial Data [TSER]. Transmit NRZ serial data. Sampled on the falling edge of TCLK when
the transmit side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit
side elastic store is enabled.
Transmit Channel Clock [TCHCLK]. A 256 kHz clock which pulses high during the LSB of each
channel. Synchronous with TCLK when the transmit side elastic store is disabled. Synchronous with
TSYSCLK when the transmit side elastic store is enabled. Useful for parallel to serial conversion of
channel data.
Transmit Channel Block [TCHBLK]. A user-programmable output that can be forced high or low
during any of the 32 E1 channels. Synchronous with TCLK when the transmit side elastic store is
disabled. Synchronous with TSYSCLK when the transmit side elastic store is enabled. Useful for
blocking clocks to a serial UART or LAPD controller in applications where not all E1 channels are used
such as Fractional E1, 384 kbps (H0), 768 kbps, 1920 kbps (H12) or ISDN-PRI. Also useful for locating
individual channels in drop-and-insert applications, for external per-channel loopback, and for per-
channel conditioning. See Section 9 for details.
Transmit System Clock [TSYSCLK]. 1.544 MHz or 2.048 MHz clock. Only used when the transmit
side elastic store function is enabled. Should be tied low in applications that do not use the transmit side
elastic store. Can be burst at rates up to 8.192 MHz.
Transmit Link Clock [TLCLK]. 4 kHz to 20 kHz demand clock (Sa bits) for the TLINK input. See
Section 11 for details.
Transmit Link Data [TLINK]. If enabled, this pin will be sampled on the falling edge of TCLK for data
insertion into any combination of the Sa bit positions (Sa4 to Sa8). See Section 11 for details.
Transmit Sync [TSYNC]. A pulse at this pin will establish either frame or multiframe boundaries for the
transmit side. This pin can also be programmed to output either a frame or multiframe pulse. Always
synchronous with TCLK.
Transmit Frame Sync [TSSYNC]. Only used when the transmit side elastic store is enabled. A pulse at
this pin will establish either frame or multiframe boundaries for the transmit side. Should be tied low in
applications that do not use the transmit side elastic store. Always synchronous with TSYSCLK.
Transmit Signaling Input [TSIG]. When enabled, this input will be sample signaling bits for insertion
into outgoing PCM E1 data stream. Sampled on the falling edge of TCLK when the transmit side elastic
store is disabled. Sampled on the falling edge of TSYSCLK when the transmit side elastic store is
enabled. See Section 13 for timing examples.
Transmit Elastic Store Data Output [TESO]. Updated on the rising edge of TCLK with data out of the
transmit side elastic store whether the elastic store is enabled or not. This pin is normally tied to TDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com