| Electronic Components Datasheet Search |
|
DS2181A Datasheet(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2181A Datasheet(HTML) 21 Page - Dallas Semiconductor |
|
21 / 32 page ![]() DS2181A 21 of 32 RIMR: RECEIVE INTERRUPT MASK REGISTER Figure 19 (MSB) (LSB) RRA RDMA RSA1 RUA1 FSERR MFSERR RLOS ECS SYMBOL POSITION NAME AND DESCRIPTION RRA RIMR.7 Receive Remote Alarm 1 = Interrupt enabled 0 = Interrupt masked RDMA RIMR.6 Receive Distant Multiframe Alarm 1 = Interrupt enabled 0 = Interrupt masked RSA1 RIMR.5 Receive Signaling All 1’s 1 = Interrupt enabled 0 = Interrupt masked RUA1 RIMR.4 Receive Unframed All 1’s 1 = Interrupt enabled 0 = Interrupt masked FSERR RIMR.3 Frame Resync Criteria Met 1 = Interrupt enabled 0 = Interrupt masked MFSERR RIMR.2 CAS Multiframe Resync Criteria Met 1 = Interrupt enabled 0 = Interrupt masked RLOS RIMR.1 Receive Loss of Sync 1 = Interrupt enabled 0 = Interrupt masked ECS RIMR.0 Error Count Saturation 1 = Interrupt enabled 0 = Interrupt masked ALARM REPORTING AND INTERRUPT SERVICING Alarm and error conditions are reported at outputs and the RSR. Use of the RSR and error count registers simplifies system error monitoring. The RSR can be read in one of two ways: a burst read does not disturb the RSR contents; a direct read will clear all bits set in the RSR unless the alarm condition which set them is still active. Interrupts are enabled via the RIMR and are generated whenever an alarm or error condition sets an RSR bit. The host controller must service the transceiver in order to clear an interrupt condition. Clearing the appropriate RIMR bit will unconditionally clear an interrupt. BVCR: BIPOLAR VIOLATION COUNT REGISTER Figure 20 (MSB) (LSB) BVD7 BVD6 BVD5 BVD4 BVD3 BVD2 BVD1 BVD0 SYMBOL POSITION NAME AND DESCRIPTION BVD7 BVCR.7 MSB of bipolar violation count. BVD0 BVCR.0 LSB of bipolar violation count. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |