Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C320 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 7Page - Dallas Semiconductor DS80C320 Datasheet HTML 8Page - Dallas Semiconductor DS80C320 Datasheet HTML 9Page - Dallas Semiconductor DS80C320 Datasheet HTML 10Page - Dallas Semiconductor DS80C320 Datasheet HTML 11Page - Dallas Semiconductor DS80C320 Datasheet HTML 12Page - Dallas Semiconductor DS80C320 Datasheet HTML 13Page - Dallas Semiconductor DS80C320 Datasheet HTML 14Page - Dallas Semiconductor DS80C320 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DS80C320/DS80C323
11 of 42
On reset, the Stretch value will default to a 1, resulting in a three-cycle MOVX. Therefore, RAM access
will not be performed at full speed. This is a convenience to existing designs that may not have fast RAM
in place. When maximum speed is desired, the software should select a Stretch value of 0. When using
very slow RAM or peripherals, a larger stretch value can be selected. Note that this affects data memory
only and the only way to slow program memory (ROM) access is to use a slower crystal.
Using a Stretch value between 1 and 7 causes the microcontroller to stretch the read/write strobe and all
related timing. This results in a wider read/write strobe allowing more time for memory/peripherals to
respond. The timing of the variable speed MOVX is shown in the Electrical Specifications. Note that full
speed access is not the reset default case. Table 3 below shows the resulting strobe widths for each
Stretch value. The memory stretch is implemented using the Clock Control Special Function Register at
SFR location 8Eh. The stretch value is selected using bits CKCON.2-0. In the table, these bits are referred
to as M2 through M0. The first stretch (default) allows the use of common 120 ns or 150 ns RAMs
without dramatically lengthening the memory access.
DATA MEMORY CYCLE STRETCH VALUES Table 3
CKCON.2-0
MEMORY
RD
or WR STROBE
STROBE WIDTH
MD2
MD1
MD0
CYCLES
WIDTH IN CLOCKS
TIME @ 25 MHz
0
0
0
2
2
80 ns
0
0
1
3 (default)
4
160 ns
0
1
0
4
8
320 ns
0
1
1
5
12
480 ns
1
0
0
6
16
640 ns
1
0
1
7
20
800 ns
1
1
0
8
24
960 ns
1
1
1
9
28
1120 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com