Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C320 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS80C320
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS80C320 Datasheet HTML 25Page - Dallas Semiconductor DS80C320 Datasheet HTML 26Page - Dallas Semiconductor DS80C320 Datasheet HTML 27Page - Dallas Semiconductor DS80C320 Datasheet HTML 28Page - Dallas Semiconductor DS80C320 Datasheet HTML 29Page - Dallas Semiconductor DS80C320 Datasheet HTML 30Page - Dallas Semiconductor DS80C320 Datasheet HTML 31Page - Dallas Semiconductor DS80C320 Datasheet HTML 32Page - Dallas Semiconductor DS80C320 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DS80C320/DS80C323
29 of 42
DS80C323 AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
18 MHz
MIN
18 MHz
MAX
VARIABLE
CLOCK
MIN
VARIABLE
CLOCK
MAX
UNITS
Oscillator Frequency
(Ext. Osc.)
(Ext. Crystal)
1/tCLCL
0
1
18
18
0
1
18
18
MHz
ALE Pulse Width
tLHLL
73
1.5tCLCL-10
ns
Port 0 Address Valid
to ALE Low
tAVLL
16
0.5tCLCL-11
ns
Address Hold After
ALE Low
tLLAX1
8
note 5
0.25tCLCL-5
note 5
ns
Address Hold After
ALE Low for MOVX WR
tLLAX2
20
0.5tCLCL-7
ns
ALE Low to Valid
Instruction In
tLLIV
112
2.5tCLCL-27
ns
ALE Low to PSEN Low
tLLPL
6
0.25tCLCL-7
ns
PSEN
Pulse Width
tPLPH
118
2.25tCLCL-7
ns
PSEN
Low to Valid
Instruction In
tPLIV
104
2.25tCLCL-21
ns
Input Instruction Hold
After PSEN
tPXIX
0
0
ns
Input Instruction Float
After PSEN
tPXIZ
51
tCLCL-5
ns
Port 0 Address to Valid
Instruction In
tAVIV1
140
3tCLCL-27
ns
Port 2 Address to Valid
Instruction In
tAVIV2
162
3.5tCLCL-33
ns
PSEN
Low to
Address Float
tPLAZ
note 5
note 5
ns
NOTES FOR DS80C323 AC ELECTRICAL CHARACTERISTICS:
All parameters apply to both commercial and industrial temperature range operation unless otherwise
noted. AC timing characteristics valid for oscillator frequency > 16 MHz.
1. All signals rated over operating temperature at 18 MHz.
2. All signals characterized with load capacitance of 80 pF except Port 0, ALE, PSEN , RD and WR at
100 pF. Note that loading should be approximately equal for valid timing.
3. Interfacing to memory devices with float times (turn off times) over 35 ns may cause contention. This
will not damage the parts, but will cause an increase in operating current.
4. Specifications assume a 50% duty cycle for the oscillator. Port 2 timing will change with the duty
cycle variations.
5. Address is held in a weak latch until over-driven by external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com