Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4U Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 35Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 36Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 37Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 38Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 39Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 40Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 41Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 42Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
39 of 63
If the IC is operated in Parameter Multiplex mode (see description in chapter 3.6.1 on page 6) while
Synchronous_Data_IO
flag and P2_Sync_Data_IO_Activation flag are set, the Parameter Multiplex mode
remains disabled for parameter port pin P2. This is to avoid erroneous deactivation of the Synchronous Data
IO mode in case no external driver is connected.
Once activated, input data sampling as well as output data driving events are moved to different times
synchronized
to the polling cycle of the AS-i network. Nevertheless, the communication principles between
master and slave remain unchanged compared to regular operation. Following rules apply:
Data I/O is triggered by the DEXG call to slave with the lowest slave address in the network. Based on
the fact, that a master is calling slaves successively with rising slave addresses, the ASI4U considers
the trigger condition true, if the slave address of a received DEXG call is less than the slave address
of the previous (correctly received) DEXG call.
Data I/O is only triggered, if the slave has (correctly) received data during the last cycle. If the slave
did not receive data (i.e. due to a communication error) the Data Outputs are not changed and no
Data Strobe is generated (arm+fire principle). The inputs however, are always sampled at the trigger
event.
If the slave with the lowest address in the network is operated in the Synchronous Data I/O Mode,
it postpones the output event for the received data for a full AS-i cycle. This is to keep all output data
of a particular cycle image together.
Note: To make this feature useful, the master shall generate a data output cycle image once before
the start of every AS-i cycle. The image is derived from the input data of the previous cycle(s) and
other control events. If an AS-i cycle has started, the image shall not change anymore. In case A- and
B- slaves are installed in parallel at one address, the master shall address all A-Slaves in one cycle
and all B-Slaves in the other cycle.
The input data, sampled at the slave with the lowest slave address in the network, is sent back to the
master without any delay. Thus, the input data cycle image is fully captured at the end of an AS-i
cycle, just as in networks without any Synchronous Data I/O Mode slaves. In other words, the input
data sampling point has simply moved to the beginning of the AS-i cycle for all Synchronous Data I/O
Mode slaves.
The first DEXG call that is received by a particular slave after the activation of the Data Port
(Data_Exchange_Disable flag was cleared by a WPAR call is processed like in regular operation. This
is to capture decent input data for the first slave response and to activate the outputs as fast as
possible.
The Data I/O operation is repeated together with the I/O cycle of the other Synchronous Data I/O
Mode slaves in the network at the common trigger event. By that, the particular slave has fully
reached the Synchronous Data I/O Mode.
If the P2_Sync_Data_IO_Activation flag is set to ‘1’ at the slave with the lowest address in the
network, one data output value is lost when the Synchronous Data I/O Mode is turned off (L/H
transition at P2), while the value that is received in the cycle when the IC detects a signal change at
P2 (H/L transition) is repeated. This particular behavior is caused by the fact that in Synchronous Data
I/O Mode
the data output at the slave with the lowest address is postponed for a full AS-i cycle (see
description above).
To avoid a general suppression of Data I/O in the special case that a slave in Synchronous Data I/O
mode receives DEXG calls only to its own address (i.e. employment of a handheld programming
device), the Synchronous Data I/O Mode is turned off, once the ASI4U receives three consecutive
DEXG calls to its own slave address. The IC resumes to Synchronous Data I/O Mode operation after
it observed a DEXG call to a different slave address than its own. The reactivation of the Synchronous
Data I/O mode is handled likewise for the first DEXG call after activation of the Data Port (see
description above).
The Data Strobe (DSR) signal is of course also generated in Synchronous Data I/O Mode. The timings of
input sampling and output buffering correspond to the regular operation (refer to Figure 10 and Table 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com