Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4U Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 45Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 46Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 47Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 48Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 49Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 50Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 51Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 52Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
49 of 63
Note: The power-on reset circuit has a threshold voltage reference. This reference matches the process
tolerance of the logic levels and must not be very accurate. All values depend slightly on the raise and
fall time of the supply voltage.
3.11.2. Logic controlled Reset
The IC also becomes reset after reception of Reset_Slave or Broadcast_Reset commands, expiration of the
(enabled) Communication Watchdog or entering of a forbidden state machine state (i.e. due to heavy EMI).
Note: In case the Addressing Channel is activated and the AC Current Input Mode is selected, Reset_Slave
and Broadcast_Reset calls are processed differently than in normal operation! See corresponding
explanations in chapter 3.3 Addressing Channel Input IRD on page 6.
3.11.3. External Reset
The IC can be reset externally by pulling the DSR pin LOW for more than a minimum reset time. The external
reset input function is provided in every operational mode of the IC – Slave Mode, Master Mode, Repeater
Mode and Monitor Mode. The following signal timings apply:
Table 32: Timing of external reset
Symbol Parameter
Min
Max
Unit
Note
tnoRESET DSR LOW time for no reset initiation
35
µs
tRESET
Reset execution time,
DSR H/L transition to Hi-Z output drives at DO0...DO3, P0…P3
44
µs
tINIT
State Machine initialization time after reset (E²PROM read out)
2
ms
In contrast to the A²SI, the external reset is generated “edge sensitive” to the expiration of the tRESET timer. The
initialization procedure is starting immediately after the event, independent of the state of DSR. A Serious
Peripheral Fault is recognized in Slave Mode if DSR still remains LOW after tRESET + tINIT. The corresponding
error state display is described in chapter 3.9 LED outputs on page 6.
DSR
DO0..DO3
tnoRESET
tRESET
tINIT
Hi-Z
PO0..PO3
Hi-Z
data port output data
parameter port output data
Serious
Peripheral Fault
Figure 18: Timing diagram external Reset via DSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com