Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI4U Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ASI4U
Description  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ASI4U Datasheet HTML 37Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 38Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 39Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 40Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 41Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 42Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 43Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 44Page - List of Unclassifed Manufacturers ASI4U Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
41 of 63
became accidentally deactivated by a hardware fault, an exchange of the bits would be recognized
after 4 cycles in a running application (see Figure 14).
Inverter at the data inputs
In Safety Mode it is still possible to use the Data Input Invert functionality (either joint input inverting or
bit selective input inverting) of the IC. This allows to transform the default signal level of the external
application (either High or Low) to the required default input level for AS-I Safety. For safety
considerations there is no difference whether the inverter is integrated in the ASI4U IC or added
externally. An error in the inverter or inverter activation will be recognized by a running application
within the next cycle.
The following feature descriptions relate to the logical signals after the (optional) data input inverters.
Important Note: As described above, the pin assignment of DI2 and DI3 is exchanged in Safety
Mode. However, the configuration register for selective input inverting is directly
associated with the physical IC ports and is not changed. Thus, in Safety Mode Bit3
of the DI_Invert_Configuration register defines the inverting of the logical signal DI2
and Bit2 defines the inverting the signal DI3.
Modification of Code Sequence
The transmitted value for D0 is calculated according to the following equation:
D0 = D0 XOR (D1 AND D2 AND D3)
Thus, the ASI4U will generate ‘1110’ from the input value ‘1111’ and ‘1111’ from the input value
‘1110’. To comply with the coding rules of the safe AS-i communication, which prohibit ‘1111’ as a
valid state in the data stream, the external code generator has to store ‘1111’ instead of ‘1110’.
In case the Safety Mode became accidentally deactivated by an hardware fault, the IC would not
perform the D0 combination anymore. The Safety Monitor would notice this as an error by reception of
‘1111’, see Figure 15.
Deactivation of the standard data path
Theoretically, the Safety Mode could become deactivated for a single bit only, if a (single) fault occurs
at one of the multiplexers. This would lead to code sequences where three bits are routed in the
Safety Path and the fourth bit is routed in the Standard Path. Therefore, an additional OR-Gate is
added in the Standard Path, that ties the Standard Path to constant ‘1’ once the Safety Mode is
activated.
A valid data transfer in Standard Mode or Safety Mode is only possible, if all four multiplexers are
switched to the same direction. Any other state will be recognized by the Safety Monitor.
Activation of Data_Exchange_Disable
The Data_Exchange_Disable flag is set by the IC after Reset and will be cleared after the first
Parameter call. As long as the flag is set, the IC does not respond to Data_Exchange calls. In case
the Safety Mode is activated and the Synchronous_Data_IO flag or any of the DI_Filter_Configuration
flags are set in the Firmware Area of the E²PROM, the Data_Exchange_Disable flag cannot be
cleared. This prevents any data communication in that particular case. See Figure 16.
Following flow charts are valid in Safety Mode of the ASI4U:
Note:
>=1
represents a logical OR
=1
represents a logical XOR
&
represents a logical AND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com