Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP203G-4NLED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EADIP203G-4NLED
Description  LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP203G-4NLED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EADIP203G-4NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LCD MODULE 4x20 - 3.75mm
INCL. CONTROLLER SSD1803
Issue 4.2013
Zeppelinstr. 19 · D-82205 Gilching
· Phone +49-(0)8105-77 80 90 · Fax +49-(0)8105-77 80 99 · www.lcd-module.de
· info@lcd-module.de
FEATURES
* HIGH CONTRAST LCD SUPERTWIST DISPLAY
* CONTROLLER SSD1803 (NEARLY 100% COMPATIBLE WITH HD44780)
* INTERFACE FOR 4- AND 8-BIT DATA BUS
* SERIAL SPI INTERFACE (SID, SOD, SCLK)
* POWER SUPPLY
+2.7 V ~ +3.45V / 1.5mA
* LED BACKLIGHT Y/G max. 150mA@+25°C
LED BACKLIGHT BLUE-WHITE AND BLACK-WHITE max. 45mA@+25°C
* OPERATING TEMPERATURE RANGE -20..+70°C
* BUILT-IN TEMPERATURE COMPENSATION
* SOME MORE MODULES WITH SAME SIZE AND SAME PINOUT:
- DOTMATRIX 1x8, 2x16
- GRAPHIC 122x32
* NO SCREWS REQUIRED: SOLDER ONTO PCB ONLY
* DETACHABLE VIA 9-PIN SOCKET EA B200-9 (2 PCS REQUIRED)
ORDERING INFORMATION
LCD MODULE 4x20 - 3.73mm WITH LED BACKLIGHT Y/G
EA DIP203G-4NLED
BLUE-WHITE
EA DIP203B-4NLW
BLACK-WHITE
EA DIP203J-4NLW
9-PIN SOCKET, HEIGHT 4.3mm (1 PC.)
EA B200-9
EA DIP203B-4NLW
Dimension 75 x 27 mm
EA DIP203G-4NLED
Dimension 68 x 27 mm
EA DIP203J-4NLW


Similar Part No. - EADIP203G-4NLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
EADIP203J-6NLW ETC2-EADIP203J-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
More results

Similar Description - EADIP203G-4NLED

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6821 EMMICRO-EM6821 Datasheet
1Mb / 68P
Ultra Low Power uController with 4x20 LCD Driver
logo
List of Unclassifed Man...
DOGXL240-7 ETC2-DOGXL240-7 Datasheet
715Kb / 8P
240X128 INCL. CONTROLLER UC1611S
EADIP081-CNLED ETC2-EADIP081-CNLED Datasheet
239Kb / 5P
LCD MODULE 1x8 - 11.48mm INCL. CONTROLLER HD 44780
EADIP122-5NLED ETC2-EADIP122-5NLED Datasheet
284Kb / 5P
LCD GRAPHIC 122x32 INCL. CONTROLLER FOR 8 BIT BUS
EADIP162-DNLED ETC2-EADIP162-DNLED Datasheet
276Kb / 5P
LCD-MODULE 2x16 - 6.68mm INCL. CONTROLLER HD44780
EADIP203B-6NLW ETC2-EADIP203B-6NLW Datasheet
330Kb / 5P
LCD-Modul 4x20 - 6.45mm
EADIPS082-HN ETC2-EADIPS082-HN Datasheet
491Kb / 5P
LCD-Modul 2x8 - 5.01mm INCL. CONTROLLER ST7066
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
CRT/LCD Controller Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com