Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP203G-4NLED Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EADIP203G-4NLED
Description  LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP203G-4NLED Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EADIP203G-4NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EA DIP203-4
Page 4
Zeppelinstr. 19
· D-82205 Gilching
· Phone +49-(0)8105-77 80 90 · Fax +49-(0)8105-77 80 99 · www.lcd-module.de
· info@lcd-module.de
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
SERIAL MODE
Factory setting for interface is parallel with 4 bit or 8 bit data bus. Alternatively the module can be used
with serial data stream. For that, solder link SPI has to be closed. Specification for serial
operation mode is described in user manual for SSD1803:
http://www.lcd-module.de/fileadmin/eng/pdf/zubehoer/ssd1803_2_0.pdf
all dimensions are in mm
DRIVING WITH 5V-SYSTEMS
The supply voltage of the display is necessarily 3.3V.
If a 5V-system is used, the level have to be adapted.
For example you can use a bidirectional levelshifter
(e.g. PS 74LVC4245A), like shown in the opposite
figure.
COMPATIBILITY WITH EA DIP204-4
The displays of EA DIP203 and EA DIP204 series are
electrically and mechanically identical to each other
running with 3.3V supply mode.
Merely a 5V supply is not acceptable with the new
EA DIP203 series.
Note:
LC-Displays are generally not suited to wave or reflow
soldering. Temperatures of over 80°C can cause lasting
demage.
EA DIP203G-4NLED
EA DIP203B-4NLW and EA DIP203J-4NLW
ATTENTION
handling precautions!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com