Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EADIP203G-4NLED Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EADIP203G-4NLED
Description  LCD MODULE 4x20 - 3.75mm INCL. CONTROLLER SSD1803
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EADIP203G-4NLED Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EADIP203G-4NLED Datasheet HTML 1Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 2Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 3Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 4Page - List of Unclassifed Manufacturers EADIP203G-4NLED Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EADIP203-4
Page 2
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
PINOUT
TABEL OF COMMAND (SSD1803, IE=HIGH)
Instruction
C ode
Description
Execute
Time
(270kHz)
RE
Bit
RS R/W
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
Clear Display
*
0
00
0
0
0
0
0
0
1
Clears all display and returns the cursor to the
home position (Address 0).
1.53ms
Cursor At Home
0
0
00
0
0
0
0
0
1
*
Returns the Cursor to the home position (Address
0). Also returns the display being shifted to the
original position. DD RAM contents remain
unchanged.
1.53ms
Power Down
Mode
1
0
00
0
0
0
0
0
1
PD
Set Power down mode bit.
PD=0: powerdown mode disable
PD=1: powerdown mode enable
39µs
Entry Mode Set
0
0
0
0
0
0
0
0
1
I/D
S
Cursor moving direction (I/D=0: dec; I/D=1: inc)
shift enable bit (S=0: disable; S=1: enable shift)
39µs
1
0
0
0
0
0
0
0
1
1 BID
Segment bidirectional function
(BID=0: Seg1->Seg60; BID=1: Seg60->Seg1)
39µs
Display On/Off
Control
0
0
0
0
0
0
0
1
D
C
B
D=0: display off; D=1: display on
C=0: cursor off; C=1: cursor on
B=0: blink off; B=1: blink on
39µs
extended
Function Set
1
0
0
0
0
0
0
1
FW BW NW
FW=0: 5-dot font width; FW=1: 6-dot font width
BW=0: normal cursor; BW=1: inverting cursor
NW=0: 1- or 2-line (see N); NW=1: 4-line display
39µs
Cursor / Display
Shift
0
0
0
0
0
0
1
S/C R/L
*
*
Moves the Cursor or shifts the display
S/C=0: cursor Shift; S/C=1: display shift
R/L=0: shift to left; R/L=1: shift to right
39µs
Scroll Enable
1
0
0
0
0
0
1
H4 H3 H2 H1 Determine the line for horizontal scroll
39µs
Function Set
0
0
0
0
0
1
DL
N
RE DH RE
sets interface data length (DL=0:4-bit; DL=1:8-bit)
number of display lines (N=0: 1-line; N=1: 2-line)
extension register (RE= 0/1)
scroll/shift (DH=0: dot scroll; DH=1: display shift)
reverse bit (REV=0:normal; REV=1:inverse display)
39µs
1
0
0
0
0
1
DL
N
RE BE LP
CG-/SEG-RAM blink (BE=0: disable; BE=1: enable)
LP=0: normal mode; LP=1: low power mode
39µs
CG RAM
Address Set
0
0
0
0
1
AC
Sets the CG RAM address. CG RAM data is sent
and received after this setting.
39µs
SEG RAM
Address Set
1
0
0
0
1
*
*
AC
Sets the SEG RAM address. SEG RAM data is sent
and received after this setting.
39µs
DD RAM
Address Set
0
0
01
AC
Sets the DD RAM address. DD RAM data is sent
and received after this setting.
39µs
Set Scroll
Quantity
1
0
01
*
SQ
Sets the quantity of horizontal dot scroll (DH=0)
39µs
Busy Flag /
Address Read
*
0
1BF
AC
Reads Busy flag (BF) indicating internal operation is
being performed and reads address counter
contents.
-
Write Data
*
1
0
Write Data
Writes data into internal RAM
(DD RAM / CG RAM / SEGRAM)
43µs
Read Data
*
1
1
Read Data
Reads data from internal RAM
(DD RAM / CG RAM / SEGRAM)
43µs
BACKLIGHT
Using the LED backlight requires a current source or external current-limiting resistor. Forward
voltage for yellow/green backlight is 3.9~4.2V and for white LED backlight is 3.0~3.6V. Please take
care of derating for T
a>+25°C.
Note: Do never connect backlight directly to 5V; this may destroy backlight immediately !
Pin Symbo
Level Function
Pin
Symbo
Level Function
1
VSS
L
Power Supply 0V (GND)
10
D3
H / L
Display Data
2
VDD
H
Power Supply +3.3V
11
D4 (D0)
H / L
Display Data
3
VEE
-
Contrast adjustment, input
12
D5 (D1)
H / L
Display Data
4
RS (CS)
H / L
H=Data, L=Command
13
D6 (D2)
H / L
Display Data
5
R/W
(SID)
H / L
H=Read, L=Write
14
D7 (D3)
H / L
Display Data, MSB
6
E (SCLK)
H
Enable (falling edge)
15
-
-
NC (see EA DIP122-5N)
7
D0 (SOD)
H / L
Display Data, LSB
16
RES
L
Reset (internal Pullup 10k)
8
D1
H / L
Display Data
17
A
-
LED B/L+ Resistor required
9
D2
H / L
Display Data
18
C
-
LED B/L-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com