Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4226 Datasheet(PDF) 3 Page - NEC

Part # 2SC4226
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4226 Datasheet(HTML) 3 Page - NEC

  2SC4226 Datasheet HTML 1Page - NEC 2SC4226 Datasheet HTML 2Page - NEC 2SC4226 Datasheet HTML 3Page - NEC 2SC4226 Datasheet HTML 4Page - NEC 2SC4226 Datasheet HTML 5Page - NEC 2SC4226 Datasheet HTML 6Page - NEC 2SC4226 Datasheet HTML 7Page - NEC 2SC4226 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4226
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE – Base to Emitter Voltage – V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC – Collector Current – mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
IC – Collector Current – mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
IC – Collector Current – mA
VCE = 3 V
f = 1.0 GHz
200
100
20
10
0
0.5
1.0
VCE = 3 V
25
20
15
10
5
0
5
10
VCE = 3 V
f = 1.0 GHz
200
100
50
20
10
0.5
1
5
10
50
VCE = 3 V
IB =160 A
Free Air
0
50
100
150
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
20
10
5
2
1
0.5
1
5
10
50
15
10
5
0
0.5
1
5
10
50
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com