Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4226 Datasheet(PDF) 4 Page - NEC

Part # 2SC4226
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4226 Datasheet(HTML) 4 Page - NEC

  2SC4226 Datasheet HTML 1Page - NEC 2SC4226 Datasheet HTML 2Page - NEC 2SC4226 Datasheet HTML 3Page - NEC 2SC4226 Datasheet HTML 4Page - NEC 2SC4226 Datasheet HTML 5Page - NEC 2SC4226 Datasheet HTML 6Page - NEC 2SC4226 Datasheet HTML 7Page - NEC 2SC4226 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4226
NOISE FIGURE vs.
COLLECTOR CURRENT
IC – Collector Current – mA
INSERTION POWER GAIN vs. FREQUENCY
f – Frequency – GHz
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
6
4
2
0
0.5
1
5
10
50
100
VCE = 3 V
f = 1 GHz
24
20
16
12
8
4
0
0.1
0.2
0.5
1.0
2.0
5.0
VCE = 3 V
IC = 7 mA
1
2
5
10
20
50
f = 1 MHz
5.0
1.0
0.5
0.2
0.1
2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com