Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4226 Datasheet(PDF) 6 Page - NEC

Part # 2SC4226
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4226 Datasheet(HTML) 6 Page - NEC

  2SC4226 Datasheet HTML 1Page - NEC 2SC4226 Datasheet HTML 2Page - NEC 2SC4226 Datasheet HTML 3Page - NEC 2SC4226 Datasheet HTML 4Page - NEC 2SC4226 Datasheet HTML 5Page - NEC 2SC4226 Datasheet HTML 6Page - NEC 2SC4226 Datasheet HTML 7Page - NEC 2SC4226 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
2SC4226
S-PARAMETER
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.899
–30.6
5.578
153.7
.042
69.0
.923
–17.3
200.00
.808
–60.6
5.327
134.4
.069
54.5
.793
–29.2
300.00
.723
–86.7
4.877
119.6
.084
46.0
.679
–35.4
400.00
.660
–108.2
4.341
108.1
.093
41.1
.604
–39.5
500.00
.610
–125.9
3.883
98.5
.098
38.8
.550
–42.0
600.00
.583
–138.6
3.388
90.9
.102
37.4
.513
–44.2
700.00
.560
–150.0
3.046
84.3
.106
37.8
.487
–45.9
800.00
.547
–159.4
2.741
78.5
.108
38.1
.468
–47.9
900.00
.538
–167.4
2.498
73.4
.112
39.5
.455
–49.9
1000.00
.535
–174.4
2.287
68.9
.116
41.0
.444
–52.3
1100.00
.534
179.3
2.111
64.6
.120
43.0
.435
–54.7
1200.00
.533
173.4
1.965
60.2
.125
45.1
.429
–57.2
1300.00
.533
168.3
1.830
56.3
.131
46.7
.424
–59.9
1400.00
.534
163.2
1.721
52.7
.139
48.3
.422
–62.8
1500.00
.538
158.7
1.620
49.2
.146
49.8
.417
–65.7
1600.00
.542
154.3
1.544
45.7
.155
51.3
.414
–68.8
1700.00
.545
150.0
1.464
42.7
.164
52.4
.415
–72.0
1800.00
.548
146.1
1.396
39.5
.174
53.0
.412
–75.3
1900.00
.552
142.0
1.336
36.6
.187
53.7
.411
–78.8
2000.00
.556
138.3
1.280
33.6
.199
54.1
.411
–82.3
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.967
–22.9
1.935
159.9
.045
74.0
.978
–9.2
200.00
.930
–45.8
1.968
143.1
.083
60.1
.931
–17.4
300.00
.884
–67.1
1.938
129.1
.108
48.9
.870
–23.2
400.00
.842
–85.9
1.827
117.2
.125
39.4
.822
–28.0
500.00
.801
–103.1
1.748
106.7
.134
32.6
.779
–31.9
600.00
.771
–117.0
1.576
97.4
.137
27.1
.749
–35.3
700.00
.742
–130.0
1.498
89.2
.137
22.9
.722
–38.4
800.00
.722
–141.2
1.403
81.9
.134
20.0
.702
–41.3
900.00
.706
–151.1
1.326
75.6
.129
18.5
.690
–44.4
1000.00
.695
–159.9
1.242
69.6
.124
17.8
.680
–47.4
1100.00
.689
–167.7
1.169
64.5
.118
18.1
.671
–50.4
1200.00
.685
–174.9
1.102
59.6
.112
19.8
.666
–53.6
1300.00
.681
178.7
1.030
55.3
.106
23.5
.660
–56.9
1400.00
.681
172.6
.979
50.9
.103
28.0
.658
–60.4
1500.00
.683
166.8
.925
47.2
.100
33.6
.654
–64.0
1600.00
.684
161.4
.884
43.6
.102
40.4
.651
–67.6
1700.00
.684
156.1
.842
40.4
.107
47.5
.651
–71.5
1800.00
.686
151.4
.804
37.3
.115
53.5
.649
–75.1
1900.00
.689
146.6
.773
34.6
.127
57.9
.646
–79.2
2000.00
.690
142.1
.738
32.3
.141
62.1
.646
–83.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com