Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics L5150CS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical specifications
L5150CJ / L5150CS
10/34
Doc ID 15542 Rev. 15
Res
Trr
Reset reaction time
2
µs
Res
Trd
Reset delay time
VS = 13.5 V;
Ctr =1000 pF
24
11
ms
Table 7.
Early warning
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
EWi
VEWi_thl
EW input low threshold
voltage
2.35
2.50
2.65
V
EWi
VEWi_thh
EW input high
threshold voltage
2.42
2.57
2.72
V
EWi
VEWi_thhyst
EW input threshold
hysteresis
70
mV
EWi
IEWi_lkg
EW input leakage
current
VEWi = 2.5 V,
VS > 4 V
-1
1
µA
EWo
REWo
Pull up internal
resistance
Versus Vo
10
20
40
k
Ω
EWo
VEWo_lv
EW output low voltage
(with external pull up)
VEWi < 2.35 V;
VS >4 V;
Rext =5 kΩ
0.4
V
EWo
IEWo_lkg
EW output leakage
current
VEWo = 5 V
1
µA
Table 6.
Reset (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com