Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5150CS Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5150CS
Description  5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics L5150CS Datasheet HTML 12Page - STMicroelectronics L5150CS Datasheet HTML 13Page - STMicroelectronics L5150CS Datasheet HTML 14Page - STMicroelectronics L5150CS Datasheet HTML 15Page - STMicroelectronics L5150CS Datasheet HTML 16Page - STMicroelectronics L5150CS Datasheet HTML 17Page - STMicroelectronics L5150CS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Application information
L5150CJ / L5150CS
14/34
Doc ID 15542 Rev. 15
3
Application information
3.1
Voltage regulator
The voltage regulator uses a p-channel mos transistor as a regulating element. With this
structure a very low dropout voltage at current up to 150 mA is obtained. The output voltage
is regulated up to input supply voltage of 40 V. The high-precision of the output voltage (2%)
is obtained with a pre-trimmed reference voltage. The voltage regulator automatically
adapts its own quiescent current to the output current level. In light load conditions the
quiescent current goes to 55 µA only (low consumption mode). This procedure features a
certain hysteresis on the output current (see Figure 7). Short-circuit protection to GND and a
thermal shutdown are provided.
Figure 21.
Application schematic
The input capacitor
µF is necessary as backup supply for negative pulses which
may occur on the line. The second input capacitor
nF is needed when the C1 is too
distant from the VS pin and it compensates smooth line disturbances. The C0 ceramic
capacitor, connected to the output pin, is for bypassing to GND the high-frequency noise
and it guarantees stability even during sudden line and load variations. Suggested value is
nF
?with
.
Stability region is reported in Figure 22.
C
1
100
C
2
220
C
0
220
=
ESR
100
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com