Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH10LCD06C
Description  Turbo 2 ultrafast - high voltage rectifier for SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH10LCD06C Datasheet HTML 1Page - STMicroelectronics STTH10LCD06C Datasheet HTML 2Page - STMicroelectronics STTH10LCD06C Datasheet HTML 3Page - STMicroelectronics STTH10LCD06C Datasheet HTML 4Page - STMicroelectronics STTH10LCD06C Datasheet HTML 5Page - STMicroelectronics STTH10LCD06C Datasheet HTML 6Page - STMicroelectronics STTH10LCD06C Datasheet HTML 7Page - STMicroelectronics STTH10LCD06C Datasheet HTML 8Page - STMicroelectronics STTH10LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2011
Doc ID 15897 Rev 3
1/10
10
STTH10LCD06C
Turbo 2 ultrafast - high voltage rectifier for SMPS
Features
■ Ultrafast switching
■ Low reverse current
■ Low thermal resistance
■ Reduces conduction and switching losses
Description
The STTH10LCD06C uses ST Turbo2 technology.
This device is specially suited for switching power
supplies working with interleaved PFCs.
Table 1.
Device summary
IF(AV)
2 x 5A
VRRM
600 V
Tj
175 °C
VF (typ)
1.25 V
trr (max)
25 ns
A1
K
A2
A1
K
A2
K
A1
A2
K
A1
A2
TO-220AB
STTH10LCD06CT
TO-220FPAB
STTH10LCD06CFP
D2PAK
STTH10LCD06CG-TR
www.st.com


Similar Part No. - STTH10LCD06C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH10LCD06 STMICROELECTRONICS-STTH10LCD06 Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06 STMICROELECTRONICS-STTH10LCD06 Datasheet
255Kb / 11P
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
13-Nov-2015
STTH10LCD06D STMICROELECTRONICS-STTH10LCD06D Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06FP STMICROELECTRONICS-STTH10LCD06FP Datasheet
178Kb / 10P
Turbo2 ultrafast - high voltage rectifier for flat panel displays
30-Sep-2010
STTH10LCD06FP STMICROELECTRONICS-STTH10LCD06FP Datasheet
255Kb / 11P
Turbo 2 ultrafast - high voltage rectifier for flat panel displays
13-Nov-2015
More results

Similar Description - STTH10LCD06C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com