Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH10LCD06C
Description  Turbo 2 ultrafast - high voltage rectifier for SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH10LCD06C Datasheet HTML 1Page - STMicroelectronics STTH10LCD06C Datasheet HTML 2Page - STMicroelectronics STTH10LCD06C Datasheet HTML 3Page - STMicroelectronics STTH10LCD06C Datasheet HTML 4Page - STMicroelectronics STTH10LCD06C Datasheet HTML 5Page - STMicroelectronics STTH10LCD06C Datasheet HTML 6Page - STMicroelectronics STTH10LCD06C Datasheet HTML 7Page - STMicroelectronics STTH10LCD06C Datasheet HTML 8Page - STMicroelectronics STTH10LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH10LCD06C
Characteristics
Doc ID 15897 Rev 3
3/10
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 0.5 A, Irr = 0.25 A,
IR = 1 A, Tj = 25 °C
25
ns
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25 °C
35
50
IRM
Reverse recovery current
IF = 5 A, dIF/dt = -50 A/µs,
VR = 400 V, Tj = 125 °C
1.8
2.5
A
tfr
Forward recovery time
IF = 5 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
100
ns
VFP
Forward recovery voltage
IF = 5 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25 °C
5V
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
0
2
4
6
8
10
12
01
23
45
67
δ = 1
δ = 0.1 δ = 0.2
δ = 0.5
δ = 0.05
T
δ = tp /T
tp
PF(AV)(W)
IF(AV)(A)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj = 25 °C
(Maximum values)
Tj = 150 °C
(Typical values)
IFM(A)
VFM(V)
Tj = 150 °C
(Maximum values)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AB, D2PAK)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
TO-220AB
D2PAK
Zth(j-c)/Rth(j-c)
tp(s)
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
TO-220FPAB
Zth(j-c)/Rth(j-c)
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com