Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH10LCD06C
Description  Turbo 2 ultrafast - high voltage rectifier for SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06C Datasheet(HTML) 5 Page - STMicroelectronics

  STTH10LCD06C Datasheet HTML 1Page - STMicroelectronics STTH10LCD06C Datasheet HTML 2Page - STMicroelectronics STTH10LCD06C Datasheet HTML 3Page - STMicroelectronics STTH10LCD06C Datasheet HTML 4Page - STMicroelectronics STTH10LCD06C Datasheet HTML 5Page - STMicroelectronics STTH10LCD06C Datasheet HTML 6Page - STMicroelectronics STTH10LCD06C Datasheet HTML 7Page - STMicroelectronics STTH10LCD06C Datasheet HTML 8Page - STMicroelectronics STTH10LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH10LCD06C
Characteristics
Doc ID 15897 Rev 3
5/10
Figure 13.
Thermal resistance junction to ambient versus copper surface under tab
Figure 11.
Forward recovery time versus dIF/dt
(typical values, per diode)
Figure 12.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
20
40
60
80
100
120
140
160
tFR (ns)
0
50
100
150
200
250
300
350
400
450
500
IF = IF(AV)
VR = 1.1 x VFmax.
Tj = 125 °C
dIF/dt (A/µs)
1
10
100
C (pF)
1
10
100
1000
VR (V)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a)(°C/W)
Scu(cm²)
D2PAK
Epoxy printed board Fr4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com