Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1600FSM12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP1600FSM12
Description  Single Switch IGBT Module Advance Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSM12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP1600FSM12 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP1600FSM12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
KEY PARAMETERS
V
CES
1200V
V
CE(sat)
(typ)
2.7V
I
C
(max) 1600A
I
C(PK)
(max) 3200A
Fig. 2 Electrical connections - (not to scale)
Fig.1 Single switch circuit diagram
Outline type code: F
(See package details for further information)
C1
E1
C2
E2
G
Aux E
Aux C
C2
C1
Aux C
G
Aux E
E1
E2
External connection
External connection
GP1600FSM12
Single Switch IGBT Module
Advance Information
DS5451-1.2 October 2001
FEATURES
s
High Thermal Cycling Capability
s
1600A Per Module
s
Non Punch Through Silicon
s
Isolated MMC Base with AlN Substrates
APPLICATIONS
s
High Reliability Inverters
s
Motor Controllers
s
Traction Drives
s
Resonant Converters
The Powerline range of high power modules includes half
bridge, chopper, dual and single switch configurations covering
voltages from 600V to 3300V and currents up to 2400A.
The GP1600FSM12 is a singlel switch 1200V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module. The IGBT has a wide reverse bias safe operating area
(RBSOA) ensuring reliability in demanding applications.
This
device is optimised for traction drives and other applications
requiring high thermal cycling capability or very high reliability.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP1600FSM12
Note: When ordering, please use the complete part number.


Similar Part No. - GP1600FSM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1600FSM18 DYNEX-GP1600FSM18 Datasheet
127Kb / 9P
Hi-Reliability Single Switch IGBT Module
More results

Similar Description - GP1600FSM12

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
Single Switch IGBT Module Preliminary Information
GP1200ESM33 DYNEX-GP1200ESM33 Datasheet
150Kb / 9P
High Reliability Single Switch IGBT Module Advance Information
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
Powerline N-Channel Single Switch IGBT Module Advance Information
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
Dual Switch IGBT Module Advance Information
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com