Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1600FSM12 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # GP1600FSM12
Description  Single Switch IGBT Module Advance Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSM12 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button GP1600FSM12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 9Page - Dynex Semiconductor GP1600FSM12 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GP1600FSM12
6/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Fig.9 Typical turn-off energy vs collector current
Fig.10 Typical turn-off energy vs collector current
Fig.11 Typical diode turn-off energy vs collector current
Fig.12 Typical switching times
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
1400
1600
Collector current, IC - (A)
A : Rg = 3.3Ω
B : Rg = 4.7Ω
C : Rg = 7Ω
A
B
C
Conditions:
Tcase = 25˚C,
VCE = 600V,
VGE = 15V
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
1400
1600
Collector current, IC - (A)
A : Rg = 7Ω
B : Rg = 4.7Ω
C : Rg = 3.3Ω
A
B
C
Conditions:
Tcase = 125˚C,
VCE = 600V,
VGE = 15V
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
1400
1600
Collector current, IC - (A)
Conditions:
VCE = 600V,
VGE = 15V,
Rg = 3.3Ω
Tcase = 25˚C
Tcase = 125˚C
0
500
1000
1500
2000
2500
0
200
400
600
800
1000
1200
1400
1600
Collector current, IC - (A)
td(off)
td(on)
tf
tr
Conditions:
Tcase = 125˚C,
VCE = 600V
VGE = 15V
Rg = 3.3Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com