Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57374V2104F060 Datasheet(PDF) 4 Page - EPCOS

Part # B57374V2104F060
Description  NTC thermistors for temperature measurement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57374V2104F060 Datasheet(HTML) 4 Page - EPCOS

  B57374V2104F060 Datasheet HTML 1Page - EPCOS B57374V2104F060 Datasheet HTML 2Page - EPCOS B57374V2104F060 Datasheet HTML 3Page - EPCOS B57374V2104F060 Datasheet HTML 4Page - EPCOS B57374V2104F060 Datasheet HTML 5Page - EPCOS B57374V2104F060 Datasheet HTML 6Page - EPCOS B57374V2104F060 Datasheet HTML 7Page - EPCOS B57374V2104F060 Datasheet HTML 8Page - EPCOS B57374V2104F060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Reliability data
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a
standardized PCB in accordance with IEC 60539-1.
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
JIS C 0021
Storage at upper
category temperature
T: (125
±2) °C
t: 1000 h
< 2%
Storage in damp
heat, steady state
IEC
60068-2-78
JIS C 0022
Temperature of air: (40
±2) °C
Relative humidity of air:
(93 +2/ 3)%
Duration: 56 days
< 2%
Rapid temperature
cycling
IEC
60068-2-14
JIS C 0025
Lower test temperature:
55
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 2%
Endurance
Pmax: 180 mW
T: (65
±2) °C
t: 1000 h
< 2%
Solderability
IEC
60068-2-58
JIS C 0054
Solderability:
(215
±3) °C, (3 ±0.3) s
(245
±5) °C, (3 ±0.3) s
Resistance to soldering heat:
(260
±5) °C, (10 ±1) s
95% of
terminations
wetted
Resistance drift
after soldering
Reflow soldering profile
Wave soldering profile
< 1%
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 4 of 21
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com