Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57374V2104F060 Datasheet(PDF) 6 Page - EPCOS

Part # B57374V2104F060
Description  NTC thermistors for temperature measurement
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57374V2104F060 Datasheet(HTML) 6 Page - EPCOS

Back Button B57374V2104F060 Datasheet HTML 2Page - EPCOS B57374V2104F060 Datasheet HTML 3Page - EPCOS B57374V2104F060 Datasheet HTML 4Page - EPCOS B57374V2104F060 Datasheet HTML 5Page - EPCOS B57374V2104F060 Datasheet HTML 6Page - EPCOS B57374V2104F060 Datasheet HTML 7Page - EPCOS B57374V2104F060 Datasheet HTML 8Page - EPCOS B57374V2104F060 Datasheet HTML 9Page - EPCOS B57374V2104F060 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
R/T characteristics
R/T No.
8507
8509
T (
°C)
B25/100 = 4480 K
B25/100 = 3455 K
RT/R25
α (%/K) R
T/R25
α (%/K)
55.0
142.71
7.9
44.605
5.9
50.0
96.913
7.6
33.281
5.8
45.0
66.637
7.4
25.044
5.6
40.0
46.366
7.1
19.003
5.4
35.0
32.629
6.9
14.536
5.3
30.0
23.213
6.7
11.206
5.1
25.0
16.686
6.5
8.7041
5.0
20.0
12.115
6.3
6.8104
4.8
15.0
8.8803
6.1
5.3665
4.7
10.0
6.5692
5.9
4.2576
4.6
5.0
4.9025
5.8
3.4001
4.4
0.0
3.6896
5.6
2.7326
4.3
5.0
2.7994
5.4
2.2096
4.2
10.0
2.1406
5.3
1.7973
4.1
15.0
1.6492
5.1
1.4703
4.0
20.0
1.2798
5.0
1.2093
3.9
25.0
1.0000
4.9
1.0000
3.7
30.0
0.78663
4.7
0.83113
3.6
35.0
0.62277
4.6
0.69418
3.6
40.0
0.4961
4.5
0.58255
3.5
45.0
0.39757
4.4
0.49112
3.4
50.0
0.32044
4.3
0.41587
3.3
55.0
0.2597
4.1
0.35365
3.2
60.0
0.21161
4.0
0.30197
3.1
65.0
0.17331
3.9
0.25888
3.0
70.0
0.14265
3.8
0.22278
3.0
75.0
0.11799
3.8
0.19243
2.9
80.0
0.098035
3.7
0.16681
2.8
85.0
0.081823
3.6
0.1451
2.8
90.0
0.068589
3.5
0.12663
2.7
95.0
0.057735
3.4
0.11088
2.6
100.0
0.048796
3.3
0.097381
2.6
105.0
0.041403
3.2
0.085788
2.5
110.0
0.035263
3.2
0.075795
2.4
115.0
0.030143
3.1
0.067155
2.4
120.0
0.025858
3.0
0.059663
2.3
125.0
0.022258
3.0
0.053146
2.3
130.0
0.019223
2.9
0.047463
2.2
135.0
0.016655
2.8
0.042493
2.2
140.0
0.014476
2.8
0.038134
2.1
145.0
0.012619
2.7
0.034302
2.1
150.0
0.011033
2.7
0.030925
2.1
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 6 of 21
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com