Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Datasheet(HTML) 3 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS8701
Forward Current, IF (mA)
Ambient Temperature, TA (
°C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage, VF (V)
Ambient Temperature, TA (
°C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
50
40
30
20
10
0
25
50
75
100
120
80
100
60
40
20
025
50
75
100
100
10
1
0.1
0.01
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +100
°C
+50
°C
+25
°C
0
°C
-25
°C
1000
100
10
1
0.1
-25
0
25
50
75
100
IF = 0 mA
VCC = VO = 30 V
VCC = VO = 5.5 V
80
70
60
50
40
30
20
10
0
0.5
1
5
10
50
VCC = 4.5 V
VO = 0.4 V
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25
°C, IF = 16 mA
VCC = 4.5 V, VO = 0.4 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com