Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Datasheet(HTML) 6 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
PS8701
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
Peak reflow temperature
235 ˚C (package surface temperature)
Time of temperature higher than 210 ˚C
30 seconds or less
Number of reflows
Three
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended
(2) Dip soldering
Temperature
260 ˚C or below (molten solder temperature)
Time
10 seconds or less
Number of times
One
Flux
Rosin flux containing small amount of chlorine (The flux
with a max. chlorine content of 0.2 Wt % is recommended.)
Time (s)
120 to 160 ˚C
60 to 90 s
(preheating)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
210 ˚C
Caution: Please avoid removing the residual flux by water after the first reflow process.
Peak temperature 235˚ C or below
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
10/10/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com