Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8701 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS8701
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8701 Datasheet(HTML) 4 Page - California Eastern Labs

  PS8701 Datasheet HTML 1Page - California Eastern Labs PS8701 Datasheet HTML 2Page - California Eastern Labs PS8701 Datasheet HTML 3Page - California Eastern Labs PS8701 Datasheet HTML 4Page - California Eastern Labs PS8701 Datasheet HTML 5Page - California Eastern Labs PS8701 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS8701
NORMALIZED PROPAGATION DELAY
TIME vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
Forward Current, IF (mA)
Load Resistance, RL (
Ω)
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
OUTPUT CURRENT vs.
OUTPUT VOLTAGE
Output Voltage, VO (V)
Forward Current, IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
10
8
6
4
2
0
2
4
6
8
1012
14
1618
20
IF = 25 mA
20 mA
15 mA
10 mA
5 mA
6
5
4
3
2
1
0
2
4
6
8
101214
16
18
20
RL = 2.2 k
5.6 k
3.0
2.0
1.0
0
5
10
15
20
25
tPHL
tPLH
VCC = 5 V
RL = 2.2 k
10
0.1
1
1 k
10 k
100 k
tPHL
tPLH
VCC = 5 V,
IF = 16 mA
5
4
3
2
1
0
0
-25
-50
25
50
75
100
tPHL
tPLH
Normalized to 1.0
at TA = 25
°C,
IF = 16 mA, VCC = 5 V,
RL = 2.2 k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com