Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE33284AS Datasheet(PDF) 3 Page - California Eastern Labs

Part # NE33284AS
Description  SUPER LOW NOISE HJ FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE33284AS Datasheet(HTML) 3 Page - California Eastern Labs

  NE33284AS Datasheet HTML 1Page - California Eastern Labs NE33284AS Datasheet HTML 2Page - California Eastern Labs NE33284AS Datasheet HTML 3Page - California Eastern Labs NE33284AS Datasheet HTML 4Page - California Eastern Labs NE33284AS Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
0.1
.999
-1.7
5.712
178.3
.002
89.2
.630
-1.2
0.2
.999
-4.0
5.660
176.3
.004
88.9
.630
-2.8
0.5
.998
-10.4
5.660
170.2
.011
83.5
.632
-7.0
1.0
.981
-21.3
5.604
160.0
.022
76.3
.627
-13.9
2.0
.935
-41.3
5.414
141.1
.041
65.0
.599
-26.9
3.0
.876
-60.8
5.117
123.0
.056
54.2
.564
-39.1
4.0
.809
-78.1
4.732
106.6
.071
44.7
.534
-49.8
5.0
.738
-94.7
4.382
91.7
.080
36.4
.492
-60.2
6.0
.671
-110.7
4.058
77.6
.087
29.1
.455
-69.9
7.0
.619
-125.6
3.746
64.1
.094
22.6
.430
-79.5
8.0
.578
-139.1
3.491
52.2
.100
18.4
.416
-88.6
9.0
.542
-151.7
3.289
40.1
.106
13.6
.405
-97.2
10.0
.499
-164.8
3.130
28.3
.113
7.2
.394
-106.0
11.0
.455
-179.3
2.995
16.4
.121
3.1
.377
-114.7
12.0
.431
164.4
2.855
4.7
.126
-2.3
.361
-125.2
13.0
.425
148.0
2.752
-6.8
.133
-8.1
.340
-137.0
14.0
.417
133.1
2.664
-17.9
.139
-13.5
.332
-149.2
15.0
.402
116.8
2.579
-30.2
.149
-20.8
.336
-161.8
16.0
.393
98.3
2.515
-42.7
.155
-29.0
.334
-174.8
17.0
.396
78.7
2.430
-55.5
.163
-37.4
.337
171.2
18.0
.426
61.5
2.348
-68.3
.170
-45.7
.333
156.8
19.0
.462
49.2
2.281
-80.1
.173
-56.0
.328
139.7
20.0
.491
33.8
2.208
-93.7
.176
-66.0
.320
121.8
0.05
15.1
34.6
0.02
15.1
31.5
0.04
15.1
27.1
0.14
15.0
24.1
0.25
14.7
21.2
0.36
14.2
19.6
0.47
13.5
18.2
0.59
12.8
17.4
0.70
12.2
16.7
0.79
11.5
16.0
0.85
10.9
15.4
0.90
10.3
14.9
0.96
9.9
14.4
1.00
9.5
13.7
1.04
9.1
12.3
1.04
8.8
11.9
1.04
8.5
11.5
1.03
8.2
11.4
1.03
8.0
11.1
1.01
7.7
11.0
0.99
7.4
11.4
0.96
7.2
11.2
0.96
6.9
11.0
Note:
1. Gain Calculations:
VDS = 2 v, IDS = 10 mA
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE33284A
j100
j50
j25
j10
-j100
-j50
-j25
0
S22
20 GHz
S22
.1 GHz
S11
20 GHz
S11
.1 GHz
10
25
50
100
+90
˚
+60
˚
+30
˚
+120
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
S21
20 GHz
S21
.1 GHz
S12
.1 GHz
S12
20 GHz
+150
˚
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com