Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE33284AS Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE33284AS
Description  SUPER LOW NOISE HJ FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE33284AS Datasheet(HTML) 1 Page - California Eastern Labs

  NE33284AS Datasheet HTML 1Page - California Eastern Labs NE33284AS Datasheet HTML 2Page - California Eastern Labs NE33284AS Datasheet HTML 3Page - California Eastern Labs NE33284AS Datasheet HTML 4Page - California Eastern Labs NE33284AS Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NE33284A
FEATURES
• VERY LOW NOISE FIGURE:
0.8 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN:
10.5 dB Typical at 12 GHz
• GATE LENGTH: 0.3
µm
• GATE WIDTH: 280
µm
• LOW COST METAL/CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE
PART NUMBER
NE33284A
PACKAGE OUTLINE
84AS
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NFOPT1
Optimum Noise Figure, VDS = 2.0 V, IDS = 10 mA,
f = 12 GHz
dB
0.75
1.0
f = 4 GHz
dB
0.35
0.45
GA1
Associated Gain, VDS = 2.0 V, IDS = 10 mA, f = 12 GHz
dB
9.5
10.5
f = 4 GHz
dB
13.0
15.0
P1dB
Output Power at 1 dB Gain Compression Point, f = 12 GHz
VDS = 2.0 V, IDS = 10 mA
dBm
11.2
VDS = 2.0 V, IDS = 20 mA
dBm
12.0
G1dB
Gain at P1dB, f = 12 GHz
VDS = 2.0 V, IDS = 10 mA
dB
10.8
VDS = 2.0 V, IDS = 20 mA
dB
11.0
IDSS
Saturated Drain Current, VDS = 2.0 V,VGS = 0 V
mA
15
40
80
VP
Pinch-off Voltage, VDS = 2.0 V, IDS = 0.1 mA
V
-2.0
-0.8
-0.2
gm
Transconductance, VDS = 2.0 V, ID = 10 mA
mS
45
70
IGSO
Gate to Source Leakage Current, VGS = -3.0 V
µA
0.5
10.0
RTH (CH-A)
Thermal Resistance (Channel to Ambient)
°C/W
630
RTH (CH-C)2
Thermal Resistance (Channel to Case)
°C/W
280
310
ELECTRICAL CHARACTERISTICS (TA = 25°C)
DESCRIPTION
The NE33284A is a Hetero-Junction FET that uses the junction
between Si-doped AlGaAs and undoped InGaAs to create very
high mobility electrons. The device features mushroom shaped
TiAl gates for decreased gate resistance and improved power
handling capabilities. The mushroom gate also results in lower
noise figure and high associated gain. This device is housed in
an epoxy-sealed, metal/ceramic package and is intended for
high volume consumer and industrial applications.
Notes:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not for each specimen.
2. RTH (channel to case) for package mounted on an infinite heat sink.
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
Frequency, f (GHz)
SUPER LOW NOISE HJ FET
California Eastern Laboratories
1
10
20
0
0.2
0.4
0.6
0.8
1.2
1.4
NF
GA
24
21
18
15
12
9
6
3
1


Similar Part No. - NE33284AS

ManufacturerPart #DatasheetDescription
logo
NEC
NE33284AS NEC-NE33284AS Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
More results

Similar Description - NE33284AS

ManufacturerPart #DatasheetDescription
logo
NEC
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
SUPER LOW NOISE HJ FET
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
C BAND SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
SUPER LOW NOISE HJ FET
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
SUPER LOW NOISE HJ FET
NE434S01 CEL-NE434S01 Datasheet
42Kb / 5P
C BAND SUPER LOW NOISE HJ FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com