Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE33284AS Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE33284AS
Description  SUPER LOW NOISE HJ FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE33284AS Datasheet(HTML) 4 Page - California Eastern Labs

  NE33284AS Datasheet HTML 1Page - California Eastern Labs NE33284AS Datasheet HTML 2Page - California Eastern Labs NE33284AS Datasheet HTML 3Page - California Eastern Labs NE33284AS Datasheet HTML 4Page - California Eastern Labs NE33284AS Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
VDS = 2 V, IDS = 20 mA
0.1
.999
-2.0
7.099
178.3
.002
89.3
.536
-1.2
0.2
.999
-4.3
7.053
175.9
.004
88.4
.536
-2.7
0.5
.995
-11.2
7.053
169.4
.010
83.2
.536
-7.0
1.0
.977
-22.7
6.935
158.7
.019
76.7
.532
-13.9
2.0
.919
-43.9
6.540
138.8
.037
67.0
.506
-26.3
3.0
.847
-63.8
6.026
120.3
.051
57.5
.473
-38.2
4.0
.769
-81.5
5.485
103.9
.064
48.6
.446
-47.9
5.0
.693
-97.9
4.991
89.0
.074
41.5
.412
-57.4
6.0
.625
-113.5
4.558
75.2
.082
35.3
.382
-66.2
7.0
.574
-128.4
4.181
61.9
.090
29.7
.360
-75.7
8.0
.533
-141.7
3.865
50.4
.099
24.7
.353
-83.9
9.0
.496
-153.9
3.614
38.7
.107
19.6
.347
-91.9
10.0
.455
-167.0
3.423
27.0
.116
13.8
.341
-100.7
11.0
.414
178.7
3.256
15.8
.126
8.2
.327
-109.0
12.0
.391
162.5
3.098
4.2
.133
2.2
.315
-119.4
13.0
.387
145.8
2.975
-7.1
.141
-4.6
.293
-131.7
14.0
.384
131.2
2.873
-17.9
.149
-10.8
.288
-144.0
15.0
.369
114.7
2.783
-29.9
.160
-18.3
.290
-156.5
16.0
.364
95.6
2.713
-42.0
.165
-27.1
.289
-170.3
17.0
.368
75.8
2.622
-54.7
.175
-35.5
.289
174.4
18.0
.400
59.4
2.529
-66.7
.181
-44.9
.286
158.9
19.0
.434
47.6
2.459
-78.7
.182
-55.1
.280
140.9
20.0
.468
32.4
2.386
-92.0
.185
-65.8
.275
122.3
0.05
17.0
35.5
0.03
17.0
32.5
0.08
17.0
28.5
0.17
16.8
25.6
0.31
16.3
22.5
0.44
15.6
20.7
0.57
14.9
19.3
0.69
14.0
18.3
0.80
13.2
17.4
0.87
12.4
16.7
0.91
11.7
15.9
0.95
11.2
15.3
0.98
10.7
14.7
1.01
10.2
13.4
1.03
9.8
12.6
1.03
9.5
12.1
1.02
9.2
12.0
1.01
8.9
12.0
1.01
8.7
11.6
0.99
8.4
11.8
0.97
8.1
11.4
0.96
7.8
11.3
0.95
7.5
11.1
PART NUMBER
AVAILABILITY
PACKAGE
NE33284AS
Bulk up to 1K
84AS
NE33284A-T1
1K/Reel
84AS
ORDERING INFORMATION1
Note:
Long leaded (1.7 mm min.) 84ASL package available upon request in
bulk quantities up to 1000 pcs. To order specify NE33284A-SL.
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
OUTLINE DIMENSIONS (Units in mm)
NE33284A
PACKAGE OUTLINE 84AS
NE33284A
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
1.78
± 0.2
0.5
± 0.1
(ALL LEADS
)
1.0
±0.2 (ALL LEADS)
1.78
± 0.2
1.7 MAX
0.1
+0.07
-0.03
S
S
D
G
Part Number Designator (Letter).
When the letter is upright,
the gate lead is to the right.
U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com