Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS2DB391BA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECOS2DB391BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2DB391BA Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECOS2DB391BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 9Page - Panasonic Semiconductor ECOS2DB391BA Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
20
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
270
25 x 25
1.31
1.83
0.614
0.246
330
22 x 35
1.75
2.45
0.553
0.221
25 x 30
1.75
2.45
0.502
0.201
35 x 20
1.10
1.54
0.553
0.221
390
22 x 40
1.91
2.67
0.468
0.187
25 x 30
1.91
2.67
0.468
0.187
25 x 35
1.91
2.67
0.468
0.187
30 x 25
1.91
2.67
0.425
0.170
470
22 x 45
2.11
2.95
0.388
0.155
25 x 35
2.11
2.95
0.388
0.155
25 x 40
2.11
2.95
0.388
0.155
30 x 25
2.11
2.95
0.353
0.141
30 x 30
2.11
2.95
0.388
0.155
560
25 x 40
2.25
3.15
0.326
0.130
25 x 45
2.25
3.15
0.326
0.130
30 x 30
2.25
3.15
0.326
0.130
30 x 35
2.25
3.15
0.326
0.130
35 x 25
2.25
3.15
0.326
0.130
680
25 x 45
2.50
3.50
0.268
0.107
25 x 50
2.50
3.50
0.268
0.107
30 x 35
2.50
3.50
0.268
0.107
30 x 40
2.50
3.50
0.268
0.107
35 x 30
2.50
3.50
0.268
0.107
820
30 x 40
2.50
3.50
0.222
0.089
30 x 45
2.77
3.88
0.222
0.089
35 x 30
2.77
3.88
0.222
0.089
35 x 35
2.77
3.88
0.243
0.109
1000
30 x 45
3.32
4.65
0.182
0.073
30 x 50
3.32
4.65
0.199
0.090
35 x 35
3.32
4.65
0.199
0.090
35 x 40
3.32
4.65
0.199
0.099
1200
35 x 40
3.53
4.94
0.166
0.083
35 x 45
3.53
4.94
0.166
0.083
1500
35 x 50
4.04
5.66
0.133
0.066
82
22 x 25
0.83
1.16
2.022
0.708
100
22 x 30
0.91
1.27
1.658
0.580
120
22 x 30
1.00
1.40
1.382
0.484
25 x 25
1.00
1.40
1.382
0.484
150
22 x 35
1.12
1.57
1.105
0.387
25 x 25
1.12
1.57
1.105
0.387
25 x 30
1.12
1.57
1.105
0.387
30 x 25
1.12
1.57
1.105
0.387
180
22 x 40
1.22
1.71
0.921
0.322
25 x 30
1.22
1.71
0.921
0.322
25 x 35
1.22
1.71
0.921
0.322
30 x 25
1.22
1.71
0.921
0.322
220
22 x 45
1.44
2.02
0.754
0.264
25 x 35
1.44
2.02
0.754
0.264
25 x 40
1.44
2.02
0.754
0.264
30 x 25
1.44
2.02
0.754
0.264
30 x 30
1.44
2.02
0.754
0.264
35 x 25
1.44
2.02
0.754
0.264
270
25 x 40
1.66
2.32
0.614
0.215
30 x 30
1.66
2.32
0.614
0.215
30 x 35
1.66
2.32
0.614
0.215
35 x 25
1.66
2.32
0.614
0.215
35 x 30
1.66
2.32
0.614
0.215
330
25 x 50
1.88
2.63
0.502
0.176
30 x 35
1.88
2.63
0.502
0.176
30 x 40
1.88
2.63
0.502
0.176
35 x 30
1.88
2.63
0.502
0.176
ECEC2VP101BA
ECEC2VP121BA
ECEC2VP121CA
ECEC2VP151BA
ECEC2EP271CA
ECEC2EP331BA
ECEC2VP820BA
ECEC2VP271DA
ECEC2VP271EX
ECEC2EP102EX
ECEC2EP102EA
ECEC2EP122EX
ECEC2EP821EA
ECOS2VP271DA
ECOS2VP271EX
ECEC2VP221BA
ECEC2VP221CX
ECEC2VP221CA
ECEC2VP221DX
ECEC2VP221DA
ECEC2VP221EA
ECEC2VP271CX
ECEC2VP271DX
ECOS2VP221DA
ECOS2VP221EA
ECOS2VP271CX
ECOS2VP271DX
ECEC2VP181DA
ECEC2VP181BA
ECEC2VP181CX
ECEC2VP181CA
ECEC2EP122EA
ECEC2EP152EA
ECEC2VP151DA
ECOS2VP820BA
ECEC2EP681DA
ECEC2EP391BA
ECEC2EP391CX
ECEC2EP391CA
ECEC2EP391DA
ECEC2EP471BA
ECEC2EP471CX
ECEC2EP821EX
ECEC2EP681CA
ECEC2EP681DX
ECEC2EP561CX
ECEC2EP561EA
ECEC2EP681CX
ECEC2EP102DX
ECEC2EP102DA
ECEC2EP681EA
ECEC2EP821DX
ECEC2EP821DA
ECOS2EP102DX
ECOS2EP122EA
ECOS2EP152EA
ECEC2EP561DX
ECEC2EP561DA
ECOS2EP102DA
ECOS2EP102EX
ECOS2EP821DX
ECOS2EP821DA
ECOS2EP821EX
ECOS2EP821EA
ECOS2EP681CA
ECOS2EP681DA
ECOS2EP681EA
ECOS2EP561DX
ECOS2EP561DA
ECOS2EP561EA
ECOS2EP681CX
ECOS2EP681DX
ECOS2EP561CX
ECEC2EP471DA
ECEC2EP561CA
ECOS2EP471CA
ECOS2EP471DX
ECOS2EP471DA
ECOS2EP561CA
ECOS2EP471BA
6.3mm Length Terminal
ECOS2EP391BA
ECEC2EP471CA
ECEC2EP471DX
Part numbers shown with 2 pins
ECOS2EP391CX
4.0mm Length Terminal
ECOS2EP391DA
ECOS2EP391CA
ECOS2VP101BA
ECOS2VP121BA
ECOS2VP151CX
ECOS2VP121CA
ECOS2VP151BA
ECOS2EP102EA
ECOS2EP122EX
ECOS2VP271EA
ECOS2VP331CA
ECOS2VP151CA
ECOS2VP151DA
ECOS2VP181BA
ECOS2VP181CX
ECOS2VP181CA
ECOS2VP181DA
ECOS2VP221BA
ECOS2VP221CX
ECOS2VP221CA
ECEC2VP331EA
ECOS2VP331DX
ECOS2VP331DA
ECOS2VP331EA
ECEC2VP271EA
ECEC2VP331CA
ECEC2VP331DX
ECEC2VP331DA
ECOS2VP221DX
ECEC2VP151CA
350 VDC Working, 400 VDC Surge
ECEC2VP151CX
ECOS2EP471CX
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Terminal Length)
D x L
250 VDC Working, 300 VDC Surge (continued)
ECOS2EP331CA
ECOS2EP331EL
ECEC2EP331CA
ECEC2EP331EL
ECOS2EP271CA
ECOS2EP331BA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com